Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZDE9P Datasheet(PDF) 1 Page - ITT Industries

Part No. ZDE9P
Description  Low cost connector
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

ZDE9P Datasheet(HTML) 1 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon ZD Connectors
• Stamped contacts ZD* series connectors.
• Closed-entry socket insulator for secure
blind mating.
• Compatible with all other D*Subminiature
series.
• Particularly suitable for industrial
applications (control and measurement),
and for computer- telecom- or medical
equipment.
• Glass filled thermoplastic Insulator,
UL 94V-0 (E112081)
• Standard arrangement (9, 15, 25, 37, 50
contacts), and high density arrangement
(15, 26, 44, 62, 78) are available for both
male and female connectors
• The references mentioned in this catalogue
are class 3. See notes for class 2.
Rated current
5 A (Standard density)
2 A (High density)
1 A (IDC)
Dielectric withstanding voltage
1000 VAC for 1 min. (IDC 500 VAC for 1 min.)
Contact resistance
20 m
Ω on mated contacts
Operating temperature range
-55° / + 105°C
Insulation resistance Standard / High density
5000 M
Ω at 500 VDC (IDC 1000 MΩ at 500 VDC)
Insulators
Glass filled thermoplastic, black
Male Contacts
Brass, stamped and formed
Female Contacts
Phosphore bronze, stamped and formed
Finish
Gold over nickel in contact area, balance tin
Shells
Steel, plated
Mechanical endurance
Class 3: 50 mating / unmating cycles min.
Class 2: 200 mating / unmating cycles min.
Electrical characteristics
Mechanical characteristics


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn