Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF2P02E Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MMSF2P02E
Description  SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF2P02E Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF2P02E Datasheet HTML 1Page - Motorola, Inc MMSF2P02E Datasheet HTML 2Page - Motorola, Inc MMSF2P02E Datasheet HTML 3Page - Motorola, Inc MMSF2P02E Datasheet HTML 4Page - Motorola, Inc MMSF2P02E Datasheet HTML 5Page - Motorola, Inc MMSF2P02E Datasheet HTML 6Page - Motorola, Inc MMSF2P02E Datasheet HTML 7Page - Motorola, Inc MMSF2P02E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMSF2P02E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
3.5 V
10 V
0
0
0.4
0.8
1.2
1.6
2
0
2
3
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
3
4
5
10
0.3
0.4
0.6
0.1
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. On–Resistance versus
Gate–to–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–to–Source Leakage Current
versus Voltage
0.2
6
8
– 50
0
50
100
150
4
1
0
3.3 V
TJ = 25°C
VGS = 10
2
3
4
1
2.5
3
3.5
4
4.5
0.1
0.4
0.5
0.6
0.3
0.2
0
0.5
1
1.5
2
0
100
10
0
4
8
12
20
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 2 A
125
75
25
– 25
VDS ≥ 10 V
25
°C
100
°C
TJ = –55°C
VGS = 4.5
TJ = 25°C
9
7
0.5
ID = 1 A
TJ = 25°C
16
3.7 V
3.9 V
4.1 V
4.3 V
4.5 V
5 V
4.7 V
7 V
VGS = 0 V
TJ = 125°C
100
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn