Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF2P02E Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MMSF2P02E
Description  SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF2P02E Datasheet(HTML) 1 Page - Motorola, Inc

  MMSF2P02E Datasheet HTML 1Page - Motorola, Inc MMSF2P02E Datasheet HTML 2Page - Motorola, Inc MMSF2P02E Datasheet HTML 3Page - Motorola, Inc MMSF2P02E Datasheet HTML 4Page - Motorola, Inc MMSF2P02E Datasheet HTML 5Page - Motorola, Inc MMSF2P02E Datasheet HTML 6Page - Motorola, Inc MMSF2P02E Datasheet HTML 7Page - Motorola, Inc MMSF2P02E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Single P-Channel
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s TMOS process. These miniature surface
mount MOSFETs feature ultra low RDS(on) and true logic level
performance. They are capable of withstanding high energy in the
avalanche and commutation modes and the drain–to–source diode
has a low reverse recovery time. MiniMOS devices are designed
for use in low voltage, high speed switching applications where
power efficiency is important. Typical applications are dc–dc
converters, and power management in portable and battery
powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor
controls in mass storage products such as disk drives and tape
drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed
• Avalanche Energy Specified
• Mounting Information for SO–8 Package Provided
• IDSS Specified at Elevated Temperature
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)(1)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C (2)
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
2.5
1.7
13
Adc
Apk
Total Power Dissipation @ TA = 25°C(2)
PD
2.5
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 5.0 Vdc, IL = 6.0 Apk, L = 12 mH, RG = 25 Ω)
EAS
216
mJ
Thermal Resistance — Junction to Ambient(2)
R
θJA
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
S2P02
(1) Negative sign for P–Channel device omitted for clarity.
(2) Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided), 10 sec. max.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMSF2P02ER2
13
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a registered trademark of Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 4
Order this document
by MMSF2P02E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
CASE 751–05, Style 13
SO–8
N–C
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
D
S
G
MMSF2P02E
SINGLE TMOS
POWER MOSFET
2.5 AMPERES
20 VOLTS
RDS(on) = 0.250 OHM
Motorola Preferred Device


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn