Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC16244 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74AC16244
Description  16-Bit Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74AC16244 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for AC
Note 7: Voltage Range 5.0 is 5.0V
r 0.5V.
Voltage Range 3.3 is 3.3V
r 0.3V.
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
r 0.5V.
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
6.3
9.4
2.0
10.8
ns
Data to Output
5.0
1.6
4.6
6.5
1.6
7.1
tPHL
Propagation Delay
3.3
2.4
5.7
10.7
2.4
11.8
ns
Data to Output
5.0
2.0
4.3
7.0
2.0
7.9
tPZH
Output Enable Time
3.3
2.2
6.2
10
2.2
11.5
ns
5.0
1.7
4.6
6.7
1.7
7.5
tPZL
Output Enable Time
3.3
2.9
6.4
13.0
2.9
14.6
ns
5.0
2.2
4.7
8.1
2.2
9.0
tPHZ
Output Disable Time
3.3
3.1
5.5
8.4
3.1
9.1
ns
5.0
1.9
3.9
7.8
1.9
8.4
tPLZ
Output Disable Time
3.3
2.4
4.7
8.1
2.4
8.8
ns
5.0
1.7
3.6
7.2
1.7
7.6
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
5.2
7.3
3.0
7.8
ns
tPHL
Data to Output
2.5
4.8
6.8
2.5
7.3
tPZH
Output Enable
5.0
2.5
5.0
7.4
2.5
7.9
ns
tPZL
Time
2.7
4.6
7.5
2.7
8.0
tPHZ
Output Disable
5.0
2.3
5.0
7.9
2.3
8.2
ns
tPLZ
Time
2.0
4.6
7.4
2.0
7.9
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Pin Capacitance
4.5
pF
VCC 5.0V
COUT
Output Pin Capacitance
12
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
74AC16244
35
pF
VCC 5.0V
74ACT16244
30


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn