Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC138PC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC138PC
Description  1-of-8 Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC138PC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC138PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 8Page - Fairchild Semiconductor 74AC138PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
7.0
10.5
1.5
11.5
ns
An to On
tPHL
Propagation Delay
5.0
1.5
6.5
10.5
1.5
11.5
ns
An to On
tPLH
Propagation Delay
5.0
2.5
8.0
11.5
2.0
12.5
ns
E1 or E2 to On
tPHL
Propagation Delay
5.0
2.0
7.5
11.5
2.0
12.5
ns
E1 or E2 to On
tPLH
Propagation Delay
5.0
2.5
8.0
12.0
2.0
13.0
ns
E3 to On
tPHL
Propagation Delay
5.0
2.0
6.5
10.5
1.5
11.5
ns
E3 to On
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
60.0
pF
VCC = 5.0V


Similar Part No. - 74AC138PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC138PC FAIRCHILD-74AC138PC Datasheet
103Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138PC ONSEMI-74AC138PC Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
More results

Similar Description - 74AC138PC

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
   1-of-8 decoder/demultiplexer
1996 Jul 03
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com