Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74AC14
Description  Hex Inverter with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC14 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74AC14 Datasheet HTML 1Page - Fairchild Semiconductor 74AC14 Datasheet HTML 2Page - Fairchild Semiconductor 74AC14 Datasheet HTML 3Page - Fairchild Semiconductor 74AC14 Datasheet HTML 4Page - Fairchild Semiconductor 74AC14 Datasheet HTML 5Page - Fairchild Semiconductor 74AC14 Datasheet HTML 6Page - Fairchild Semiconductor 74AC14 Datasheet HTML 7Page - Fairchild Semiconductor 74AC14 Datasheet HTML 8Page - Fairchild Semiconductor 74AC14 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009917
www.fairchildsemi.com
November 1988
Revised September 2005
74AC14 • 74ACT14
Hex Inverter with Schmitt Trigger Input
General Description
The 74AC14 and 74ACT14 contain six inverter gates each with
a Schmitt trigger input. They are capable of transforming slowly
changing input signals into sharply defined, jitter-free output sig-
nals. In addition, they have a greater noise margin than conven-
tional inverters.
The 74AC14 and 74ACT14 have hysteresis between the posi-
tive-going and negative-going input thresholds (typically 1.0V)
which is determined internally by transistor ratios and is essen-
tially insensitive to temperature and supply voltage variations.
Features
O ICC reduced by 50%
O Outputs source/sink 24 mA
O 74ACT14 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Package Description
Number
74AC14SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC14SCX_NL
(Note 1)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC14SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC14MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC14MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC14PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT14SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT14MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT14MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT14PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM7414Hex Inverter with Schmitt Trigger Input 1 2 3 Fairchild Semiconductor
74LVX14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ14Quiet Series Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreNational Semiconductor (TI)
74ACTQ14Quiet Series Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
74LVQ14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 Fairchild Semiconductor
54AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreNational Semiconductor (TI)
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
NC7WV14TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
MM74C914Hex Schmitt Trigger with Extended Input Voltage 1 2 3 4 5 Fairchild Semiconductor
DM74ALS14Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn