Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC125SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74AC125SJ
Description  Quad Buffer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC125SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC125SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC125SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 6: All outputs loaded; thresholds on input associated with output under test.
Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
Note 8: May be measured per the JEDEC Alternate Method.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 6)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 6)
IIN
Maximum Input
5.5
r0.1
r1.0
PAVI VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
r0.5
r5.0
PAVI VIL, VIH
Current
VO VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI VCC  2.1V (Note 8)
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 7)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
PAVIN VCC
Supply Current
or GND


Similar Part No. - 74AC125SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC125SJ FAIRCHILD-74AC125SJ Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125SJ FAIRCHILD-74AC125SJ Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74AC125SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com