Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC125 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74AC125
Description  Quad Buffer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC125 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC125 Datasheet HTML 1Page - Fairchild Semiconductor 74AC125 Datasheet HTML 2Page - Fairchild Semiconductor 74AC125 Datasheet HTML 3Page - Fairchild Semiconductor 74AC125 Datasheet HTML 4Page - Fairchild Semiconductor 74AC125 Datasheet HTML 5Page - Fairchild Semiconductor 74AC125 Datasheet HTML 6Page - Fairchild Semiconductor 74AC125 Datasheet HTML 7Page - Fairchild Semiconductor 74AC125 Datasheet HTML 8Page - Fairchild Semiconductor 74AC125 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 6: All outputs loaded; thresholds on input associated with output under test.
Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
Note 8: May be measured per the JEDEC Alternate Method.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 6)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 6)
IIN
Maximum Input
5.5
r0.1
r1.0
PAVI VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
r0.5
r5.0
PAVI VIL, VIH
Current
VO VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI VCC  2.1V (Note 8)
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 7)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
PAVIN VCC
Supply Current
or GND


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74ABT125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ABT126 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VHC125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVC125A Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1  2  3  4  5  More NXP Semiconductors
74LVX125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX125 LOW VOLTAGE CMOS QUAD BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
74LVTH125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
DV74ACT125 Quad Buffer with 3-State Outputs 1  2  3  4  AVG Semiconductors(HITEK)
74LVQ125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn