Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2952778102 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2952778102
Description  52 SM PC BEAD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2952778102 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2952778102 Datasheet HTML 1Page - Fair-Rite Products Corp. 2952778102 Datasheet HTML 2Page - Fair-Rite Products Corp. 2952778102 Datasheet HTML 3Page - Fair-Rite Products Corp. 2952778102 Datasheet HTML 4Page - Fair-Rite Products Corp. 2952778102 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2952778102
Printed: 2010-11-09
Mechanical Specifications
Dim
mm
mm
nominal
inch
tol
inch
misc.
A
11.20
-0.50
0.430
-
B
5.75
-0.50
0.216
-
C
11.80
Max
0.464
Max
D
2.54
±0.10
0.100
-
E
2.54
±0.10
0.100
-
F
3.10
Min
0.122
Min
G
0.65
-
-
22 AWG
H
-
-
-
-
J
-
-
-
-
K
-
-
-
-
Land Patterns
V
W
X
Y
Z
ref
-
-
-
-
-
-
-
-
-
-
Winding Information
Turns
Wire
1st Wire
2nd Wire
Tested
Size
Length
Length
-
-
-
-
Reel Information
Tape Width Pitch
Parts 7 ''
Parts 13 '' Parts 14 ''
mm
mm
Reel
Reel
Reel
-
-
-
-
-
Package Size
Pkg Size
-
(-)
Electrical Specifications
Typical Impedance ( )
100 MHz
270
250 MHz+
380
500 MHz+
345
1000 MHz
250
Connector Plate
# Holes
# Rows
-
-
Electrical Properties
Legend
+ Test frequency
Preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available.
The column H(Oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The actual dc H field in
the application is this value of H times the actual NI (ampere-turn) product. For the effect of the dc bias on the impedance of the bead material,
see figures 18-23 in the application note How to choose Ferrite Components for EMI Suppression.
A ½ turn is defined as a single pass through a hole.
l/A - Core Constant
l e: Effective Path Length
Ae: Effective Cross-Sectional Area
Ve: Effective Core Volume
AL- Inductance Factor (
L
__
N 2)
Nl - Value of dc Ampere-turns
N/AWG - Number of Turns/Wire Size for Test Coil


Similar Part No. - 2952778102

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2952778101 FAIR-RITE-2952778101 Datasheet
579Kb / 5P
   52 PC BEAD
More results

Similar Description - 2952778102

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2952776102 FAIR-RITE-2952776102 Datasheet
542Kb / 5P
   52 SM PC BEAD
2952770302 FAIR-RITE-2952770302 Datasheet
548Kb / 5P
   52 SM PC BEAD
2952770301 FAIR-RITE-2952770301 Datasheet
591Kb / 5P
   52 PC BEAD
2952776101 FAIR-RITE-2952776101 Datasheet
584Kb / 5P
   52 PC BEAD
2952778101 FAIR-RITE-2952778101 Datasheet
579Kb / 5P
   52 PC BEAD
2743019447 FAIR-RITE-2743019447 Datasheet
150Kb / 1P
   43 SM BEAD
2743037447 FAIR-RITE-2743037447 Datasheet
589Kb / 5P
   43 SM BEAD
2744040447 FAIR-RITE-2744040447 Datasheet
577Kb / 5P
   44 SM BEAD
2743021447 FAIR-RITE-2743021447 Datasheet
150Kb / 1P
   43 SM BEAD
2743019447 FAIR-RITE-2743019447 Datasheet
587Kb / 5P
   43 SM BEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com