Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AC04 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74AC04
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC04 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC04 Datasheet HTML 1Page - Fairchild Semiconductor 74AC04 Datasheet HTML 2Page - Fairchild Semiconductor 74AC04 Datasheet HTML 3Page - Fairchild Semiconductor 74AC04 Datasheet HTML 4Page - Fairchild Semiconductor 74AC04 Datasheet HTML 5Page - Fairchild Semiconductor 74AC04 Datasheet HTML 6Page - Fairchild Semiconductor 74AC04 Datasheet HTML 7Page - Fairchild Semiconductor 74AC04 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics for AC
Note 8: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
r 0.5V
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 p
CL 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
4.5
9.0
1.0
10.0
ns
5.0
1.5
4.0
7.0
1.0
7.5
tPHL
Propagation Delay
3.3
1.5
4.5
8.5
1.0
9.5
ns
5.0
1.5
3.5
6.5
1.0
7.0
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.0
6.0
8.5
1.0
9.0
ns
tPHL
Propagation Delay
5.0
1.0
5.5
8.0
1.0
8.5
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
VCC
Power Dissipation Capacitance
30.0
pF
VCC 5.0V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74LS06Hex Inverter Buffers/Drivers With Open Collector High-Voltage Outputs 1 2 3 4 5 MoreRenesas Technology Corp
SN54LS06HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVQ04Low Voltage Hex Inverter 1 2 3 4 5 Fairchild Semiconductor
LS04Hex Inverter 1 2 Agere Systems
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
TC4069UBPHEX INVERTER 1 2 3 4 5 MoreToshiba Semiconductor
74LVQ04Low Voltage Hex Inverter 1 2 3 4 5 Fairchild Semiconductor
SY10H606REGISTERED HEX TTL-TO-PECL 1 2 3 4 5 Micrel Semiconductor
LS04Hex Inverter 1 2 Agere Systems
SN54LS07HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
TC4069UBPHEX INVERTER 1 2 3 4 5 MoreToshiba Semiconductor
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation
HD74LS06Hex Inverter Buffers/Drivers With Open Collector High-Voltage Outputs 1 2 3 4 5 MoreRenesas Technology Corp
NCV7708Double Hex Driver 1 2 3 4 5 MoreON Semiconductor
SN54LS06HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation
NCV7708Double Hex Driver 1 2 3 4 5 MoreON Semiconductor
MAX1720Switched Capacitor Voltage Inverter with Shutdown 1 2 3 4 5 MoreON Semiconductor
MC10188Hex Buffer With Enable 1 2 3 4 Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn