Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT652CMTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT652CMTC
Description  Octal Transceivers and Registers with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT652CMTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT652CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 1992
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS011512.prf
www.fairchildsemi.com
74ABT652
Octal Transceivers and Registers with 3-STATE Outputs
General Description
The ABT652 consists of bus transceiver circuits with D-
type flip-flops and control circuitry arranged for multiplexed
transmission of data directly from the input bus or from the
internal registers. Data on the A or B bus will be clocked
into the registers as the appropriate clock pin goes to HIGH
logic level. Output Enable pins (OEAB, OEBA) are pro-
vided to control the transceiver function.
Features
s Independent registers for A and B buses
s Multiplexed real-time and stored data
s A and B output sink capability of 64 mA, source
capability of 32 mA
s Guaranteed output skew
s Guaranteed multiple output switching specifications
s Output switching specified for both 50 pF and
250 pF loads
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignment for
SOIC, SSOP and TSSOP
Pin Descriptions
Order Number
Package Number
Package Description
74ABT652CSC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ABT652CMSA
MSA24
24-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
74ABT652CMTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
A0–A7
Data Register A Inputs/3-STATE Outputs
B0–B7
Data Register B Inputs/3-STATE Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Select Inputs
OEAB, OEBA
Output Enable Inputs


Similar Part No. - 74ABT652CMTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652AD PHILIPS-74ABT652AD Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652AD NXP-74ABT652AD Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652ADB PHILIPS-74ABT652ADB Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results

Similar Description - 74ABT652CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com