Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCS0603E3153MT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NTCS0603E3153MT
Description  SMD 0603, Glass Protected NTC thermistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0603E3153MT Datasheet(HTML) 3 Page - Vishay Siliconix

  NTCS0603E3153MT Datasheet HTML 1Page - Vishay Siliconix NTCS0603E3153MT Datasheet HTML 2Page - Vishay Siliconix NTCS0603E3153MT Datasheet HTML 3Page - Vishay Siliconix NTCS0603E3153MT Datasheet HTML 4Page - Vishay Siliconix NTCS0603E3153MT Datasheet HTML 5Page - Vishay Siliconix NTCS0603E3153MT Datasheet HTML 6Page - Vishay Siliconix NTCS0603E3153MT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2381 615 3..../NTCS0603E3.....T
SMD 0603, Glass Protected
NTC Thermistors
Vishay BCcomponents
Document Number: 29056
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 22-Apr-09
29
For complete Curve Computation, visit: www.vishay.com/thermistors/curve-computation-list/
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 4.7, 10 AND 15 kΩ
TOPER
[°C]
PART NUMBER
2381 615 3*472/
NTCS0603E3472*HT
PART NUMBER
2381 615 3*103/
NTCS0603E3103*MT
PART NUMBER
2381 615 3*153/
NTCS0603E3153*MT
ΔR/R DUE TO B
tol
[± %]
RT
[
Ω]
TCR
[%/K]
RT
[
Ω]
TCR
[%/K]
RT
[
Ω]
TCR
[%/K]
- 40
152 832
- 6.66
243 448
- 6.06
362 484
- 6.07
7.58
- 35
110 192
- 6.43
180 772
- 5.85
269 089
- 5.85
6.83
- 30
80 369
- 6.20
135 623
- 5.65
201 888
- 5.64
6.13
- 25
59 267
- 5.98
102 751
- 5.46
152 997
- 5.45
5.45
- 20
44 170
- 5.78
78 576
- 5.28
117 051
- 5.26
4.80
- 15
33 252
- 5.58
60 623
- 5.10
90 361
- 5.09
4.18
- 10
25 276
- 5.39
47 168
- 4.94
70 354
- 4.92
3.58
- 5
19 392
- 5.21
36 995
- 4.78
55 223
- 4.76
3.01
0
15 009
- 5.04
29 240
- 4.63
43 682
- 4.61
2.46
5
11 716
- 4.87
23 280
- 4.49
34 807
- 4.47
1.93
10
9219.5
- 4.71
18 664
- 4.35
27 929
- 4.33
1.42
15
7311.4
- 4.56
15 064
- 4.22
22 561
- 4.20
0.93
20
5841.3
- 4.42
12 236
- 4.10
18 340
- 4.08
0.46
25
4700.0
- 4.28
10 000
- 3.98
15 000
- 3.96
0.00
30
3807.5
- 4.15
8220.3
- 3.86
12 340
- 3.85
0.22
35
3104.5
- 4.02
6795.2
- 3.75
10 207
- 3.74
0.43
40
2547.2
- 3.90
5647.3
- 3.65
8488.7
- 3.64
0.64
45
2102.4
- 3.78
4717.5
- 3.55
7095.4
- 3.54
0.84
50
1745.3
- 3.67
3960.3
- 3.45
5959.8
- 3.44
1.03
55
1456.8
- 3.56
3340.4
- 3.36
5029.4
- 3.35
1.22
60
1222.4
- 3.46
2830.3
- 3.27
4263.3
- 3.26
1.40
65
1030.9
- 3.36
2408.6
- 3.18
3629.6
- 3.18
1.58
70
873.61
- 3.26
2058.4
- 3.10
3102.9
- 3.10
1.75
75
743.79
- 3.17
1766.2
- 3.02
2663.2
- 3.02
1.92
80
636.11
- 3.08
1521.4
- 2.95
2294.6
- 2.94
2.08
85
546.36
- 3.00
1315.4
- 2.87
1984.3
- 2.87
2.23
90
471.22
- 2.92
1141.4
- 2.80
1722.0
- 2.80
2.54
95
408.03
- 2.84
993.91
- 2.73
1499.6
- 2.73
2.85
100
354.67
- 2.77
868.35
- 2.67
1310.2
- 2.67
3.14
105
309.43
- 2.69
761.11
- 2.61
1148.3
- 2.61
3.43
110
270.91
- 2.62
669.19
- 2.54
1009.6
- 2.55
3.71
115
238.01
- 2.56
590.14
- 2.48
890.23
- 2.49
3.98
120
209.79
- 2.49
521.94
- 2.43
787.23
- 2.43
4.24
125
185.50
- 2.43
462.92
- 2.37
698.07
- 2.38
4.50
130
164.53
- 2.37
411.68
- 2.32
620.67
- 2.32
4.76
135
146.36
- 2.31
367.08
- 2.27
553.27
- 2.27
5.00
140
130.57
- 2.26
328.14
- 2.22
494.43
- 2.22
5.25
145
116.80
- 2.20
294.05
- 2.17
442.91
- 2.18
5.48
150
104.76
- 2.15
264.12
- 2.12
397.69
- 2.13
5.71


Similar Part No. - NTCS0603E3153MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3153MT VISHAY-NTCS0603E3153MT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3153MT VISHAY-NTCS0603E3153MT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3153MT VISHAY-NTCS0603E3153MT Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3153MT VISHAY-NTCS0603E3153MT Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0603E3153MT VISHAY-NTCS0603E3153MT Datasheet
119Kb / 3P
   SMD 0603, Glass Protected NTC Thermistorss
01-Jan-2022
More results

Similar Description - NTCS0603E3153MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3104FXT VISHAY-NTCS0603E3104FXT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3683FHT VISHAY-NTCS0603E3683FHT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3-T VISHAY-NTCS0603E3-T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FMT VISHAY-NTCS0603E3103FMT Datasheet
123Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3T VISHAY-NTCS0603E3T Datasheet
116Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3222FMT VISHAY-NTCS0603E3222FMT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3103FLT VISHAY-NTCS0603E3103FLT Datasheet
113Kb / 6P
   SMD 0603, Glass Protected NTC Thermistors
Revision: 25-Feb-13
NTCS0603E3 VISHAY-NTCS0603E3_V01 Datasheet
120Kb / 3P
   SMD 0603, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com