Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF10N02Z Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MMSF10N02Z
Description  SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF10N02Z Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF10N02Z Datasheet HTML 1Page - Motorola, Inc MMSF10N02Z Datasheet HTML 2Page - Motorola, Inc MMSF10N02Z Datasheet HTML 3Page - Motorola, Inc MMSF10N02Z Datasheet HTML 4Page - Motorola, Inc MMSF10N02Z Datasheet HTML 5Page - Motorola, Inc MMSF10N02Z Datasheet HTML 6Page - Motorola, Inc MMSF10N02Z Datasheet HTML 7Page - Motorola, Inc MMSF10N02Z Datasheet HTML 8Page - Motorola, Inc MMSF10N02Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMSF10N02Z
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.4
1.6
2
0
2
6
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0.02
0.025
0
Figure 3. On–Resistance versus
Gate–to–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1
100
Figure 5. On–Resistance Variation
with Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–to–Source Leakage Current
versus Voltage
VDS ≥ 10 V
TJ = –55°C
25
°C
100
°C
0.015
8
4
0.005
TJ = 25°C
4
8
10
2
1
1.5
2
2.5
0.01
13
5
9
11
10
0
5
10
15
17.5
20
2.5
0
0.01
0.02
6
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
7
4.5 V
VGS = 2.7 V
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
– 50
0
50
100
150
0
0.4
0.8
1.2
1.6
VGS =4.5 V
ID = 5 A
125
75
25
–25
VGS = 0 V
TJ = 125°C
100
°C
1.2
10
1.8 V
1.5 V
1.6 V
ID = 10 A
TJ = 25°C
1.7 V
0.5
0
2
0.005
0.015
0.025
1000
0.8
0.2
1.4
1.8
1
0.6
12
14
16
18
20
1.9 V
4.5 V
VGS = 12V
TJ = 25°C
12
14
0.03
345
6
7
89
10
11
12
0.03
13
15
0.2
0.6
1
1.4
10000
0.1
0.01
25
°C
12.5
7.5
2.7 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn