Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF10N02Z Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MMSF10N02Z
Description  SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF10N02Z Datasheet(HTML) 1 Page - Motorola, Inc

  MMSF10N02Z Datasheet HTML 1Page - Motorola, Inc MMSF10N02Z Datasheet HTML 2Page - Motorola, Inc MMSF10N02Z Datasheet HTML 3Page - Motorola, Inc MMSF10N02Z Datasheet HTML 4Page - Motorola, Inc MMSF10N02Z Datasheet HTML 5Page - Motorola, Inc MMSF10N02Z Datasheet HTML 6Page - Motorola, Inc MMSF10N02Z Datasheet HTML 7Page - Motorola, Inc MMSF10N02Z Datasheet HTML 8Page - Motorola, Inc MMSF10N02Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Single N-Channel with
Monolithic Zener ESD
Protected Gate
EZFETs
™ are an advanced series of power MOSFETs which
utilize Motorola’s High Cell Density HDTMOS process and contain
monolithic back–to–back zener diodes. These zener diodes
provide protection against ESD and unexpected transients. These
miniature surface mount MOSFETs feature low RDS(on) and true
logic level performance. They are capable of withstanding high
energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
EZFET devices are designed for use in low voltage, high speed
switching applications where power efficiency is important.
• Zener Protected Gates Provide Electrostatic Discharge Protection
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 12
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
10
7.0
80
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.5
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Thermal Resistance — Junction to Ambient
R
θJA
50
°C/W
Maximum Temperature for Soldering
TL
260
°C
(1) When mounted on 1 inch square FR–4 or G–10 board (VGS = 4.5 V, @ 10 Seconds)
DEVICE MARKING
ORDERING INFORMATION
10N02Z
Device
Reel Size
Tape Width
Quantity
10N02Z
MMSF10N02ZR2
13
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s, HDTMOS and EZFET are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trade-
mark of the Bergquist Company.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MMSF10N02Z/D
© Motorola, Inc. 1997
MMSF10N02Z
SINGLE TMOS
POWER MOSFET
10 AMPERES
20 VOLTS
RDS(on) = 0.015 OHM
CASE 751–05, Style 12
SO–8
Motorola Preferred Device
Source
Source
Source
Gate
1
2
3
4
8
7
6
5
Top View
Drain
Drain
Drain
Drain
D
S
G
REV 2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn