Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF10N02Z Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MMSF10N02Z
Description  SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF10N02Z Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MMSF10N02Z Datasheet HTML 2Page - Motorola, Inc MMSF10N02Z Datasheet HTML 3Page - Motorola, Inc MMSF10N02Z Datasheet HTML 4Page - Motorola, Inc MMSF10N02Z Datasheet HTML 5Page - Motorola, Inc MMSF10N02Z Datasheet HTML 6Page - Motorola, Inc MMSF10N02Z Datasheet HTML 7Page - Motorola, Inc MMSF10N02Z Datasheet HTML 8Page - Motorola, Inc MMSF10N02Z Datasheet HTML 9Page - Motorola, Inc MMSF10N02Z Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MMSF10N02Z
6
Motorola TMOS Power MOSFET Transistor Device Data
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves de-
fine the maximum simultaneous drain–to–source voltage
and drain current that a transistor can handle safely when
it is forward biased. Curves are based upon maximum
peak junction temperature and a case temperature (TC)
of 25
°C. Peak repetitive pulsed power limits are deter-
mined by using the thermal response data in conjunction
with the procedures discussed in AN569, “Transient
Thermal Resistance – General Data and Its Use.”
Switching between the off–state and the on–state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10 µs. In addition
the total power averaged over a complete switching cycle
must not exceed (TJ(MAX) – TC)/(R
θJC).
A power MOSFET designated E–FET can be safely
used in switching circuits with unclamped inductive
loads. For reliable operation, the stored energy from cir-
cuit inductance dissipated in the transistor while in ava-
lanche must be less than the rated limit and must be
adjusted for operating conditions differing from those
specified. Although industry practice is to rate in terms of
energy, avalanche energy capability is not a constant.
The energy rating decreases non–linearly with an in-
crease of peak current in avalanche and peak junction
temperature.
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0.1
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
1
10
VGS = 11 V
SINGLE PULSE
TC = 25°C
10
0.1
10 ms
1
100
100
1 ms
dc
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn