Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT573CSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT573CSC
Description  Octal D-Type Latch with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573CSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT573CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011548
www.fairchildsemi.com
January 1993
Revised March 2005
74ABT573
Octal D-Type Latch with 3-STATE Outputs
General Description
The ABT573 is an octal latch with buffered common Latch
Enable (LE) and buffered common Output Enable (OE)
inputs.
This device is functionally identical to the ABT373 but has
broadside pinouts.
Features
s Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
s Useful as input or output port for microprocessors
s Functionally identical to ABT373
s 3-STATE outputs for bus interfacing
s Output sink capability of 64 mA, source capability of
32 mA
s Guaranteed output skew
s Guaranteed multiple output switching specifications
s Output switching specified for both 50 pF and 250 pF
loads
s Guaranteed simultaneous switching, noise level and
dynamic threshold performance
s Guaranteed latchup protection
s High impedance glitch-free bus loading during entire
power up and power down
s Nondestructive hot insertion capability
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74ABT573CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT573CSCX_NL
(Note 1)
M20B
Pb-Free 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT573CSJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT573CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT573CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ABT573CMTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74ABT573CPC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74ABT573CSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT573CSC FAIRCHILD-74ABT573CSC Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CSCX_NL FAIRCHILD-74ABT573CSCX_NL Datasheet
311Kb / 13P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74ABT573CSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com