Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCLAMP0511PQ Datasheet(PDF) 1 Page - Semtech Corporation

Part # UCLAMP0511PQ
Description  關Clamp 1-Line ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0511PQ Datasheet(HTML) 1 Page - Semtech Corporation

  UCLAMP0511PQ Datasheet HTML 1Page - Semtech Corporation UCLAMP0511PQ Datasheet HTML 2Page - Semtech Corporation UCLAMP0511PQ Datasheet HTML 3Page - Semtech Corporation UCLAMP0511PQ Datasheet HTML 4Page - Semtech Corporation UCLAMP0511PQ Datasheet HTML 5Page - Semtech Corporation UCLAMP0511PQ Datasheet HTML 6Page - Semtech Corporation UCLAMP0511PQ Datasheet HTML 7Page - Semtech Corporation UCLAMP0511PQ Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.semtech.com
uClamp0511PQ
µClamp®
1-Line ESD protection
PROTECTION PRODUCTS - MicroClamp®
10/19/2012
The µClamp® series of TVS arrays are designed to pro-
tect sensitive electronics from damage or latch-up due
to ESD. They are designed to replace multilayer varistors
(MLVs) in portable applications. They feature large cross-
sectional area junctions for conducting high transient
currents and offer superior electrical characteristics
such as lower clamping voltage and no device degra-
dation when compared to MLVs. They offer desirable
characteristics for board level protection including fast
response time, low operating and clamping voltage, and
no device degradation.
The µClamp®0511PQ is in a 2-pin, SLP1006P2 pack-
age. It measures 1.0 x 0.6 x 0.5mm. The leads are
spaced at a pitch of 0.65mm and are finished with
lead-free NiPdAu. Each device will protect one bidirec-
tional line operating at ±5 volts. It gives the designer
the flexibility to protect single lines in applications where
arrays are not practical. They may be used to meet the
ESD immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge) and higher. The
combination of small size and high ESD surge capability
makes them ideal for use in portable applications such
as cellular phones, digital cameras, and MP3 players.
The uClamp0511PQ is qualified to AEC-Q100 Grade 1 for
Automotive use.
u Transient protection for data lines to
IEC 61000-4-2 (ESD) ±30kV (air and contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
Cable Discharge Event (CDE)
u Ultra-small package (1.0 x 0.6 x 0.5mm)
u Protects one I/O or power line
u Low clamping voltage
u Working voltage: 5V
u Low leakage current
u Solid-state silicon-avalanche technology
u AEC-Q100 Grade 1 Qualified
Description
Package Dimensions
Features
Applications
Schematic & Pin Configuration
u SLP1006P2 package
u Molding compound flammability rating: UL 94V-0
u Packaging : Tape and Reel
u Lead Finish: NiPdAu
u Pb-Free, Halogen Free, RoHS/WEEE Compliant
u Cellular Handsets & Accessories
u Cordless Phones
u Smart Phones
u Notebooks & Handhelds
u Portable Instrumentation
u Digital Cameras
u MP3 Players
u Automotive Applications
SLP1006P2 (Bottom View)
Mechanical Characteristics


Similar Part No. - UCLAMP0511PQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0511PQ SEMTECH-UCLAMP0511PQ_16 Datasheet
461Kb / 8P
   1-Line ESD Protection
More results

Similar Description - UCLAMP0511PQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3311T SEMTECH-UCLAMP3311T Datasheet
348Kb / 9P
   Low Profile 關Clamp 1-Line ESD protection
UCLAMP2511T SEMTECH-UCLAMP2511T Datasheet
165Kb / 7P
   Low Profile Clamp 1-Line ESD protection
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP1201P SEMTECH-UCLAMP1201P Datasheet
164Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0511P SEMTECH-UCLAMP0511P Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1211P SEMTECH-UCLAMP1211P Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP1201H SEMTECH-UCLAMP1201H Datasheet
163Kb / 7P
   關ClampTM 1-Line ESD Protection
logo
Samtec, Inc
UCLAMP0511T.TCT SAMTEC-UCLAMP0511T.TCT Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
logo
Semtech Corporation
UCLAMP0541Z SEMTECH-UCLAMP0541Z Datasheet
176Kb / 8P
   Ultra Small 關Clamp짰 1-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com