Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT273 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT273
Description  Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT273 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT273 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011549
www.fairchildsemi.com
January 1993
Revised March 2005
74ABT273
Octal D-Type Flip-Flop
General Description
The ABT273 has eight edge-triggered D-type flip-flops with
individual D inputs and Q outputs. The common buffered
Clock (CP) and Master Reset (MR) inputs load and reset
(clear) all flip-flops simultaneously.
The register is fully edge-triggered. The state of each D
input, one setup time before the LOW-to-HIGH clock transi-
tion, is transferred to the corresponding flip-flop’s Q output.
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the MR input. The
device is useful for applications where the true output only
is required and the Clock and Master Reset are common to
all storage elements.
Features
s Eight edge-triggered D-type flip-flops
s Buffered common clock
s Buffered, asynchronous Master Reset
s See ABT377 for clock enable version
s See ABT373 for transparent latch version
s See ABT374 for 3-STATE version
s Output sink capability of 64 mA, source capability of
32 mA
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Non-destructive hot insertion capability
s Disable time less than enable time to avoid bus conten-
tion
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Connection Diagram
Pin Descriptions
Order Number
Package
Package Description
Number
74ABT273CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT273CSJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT273CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT273CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ABT273CMTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D0–D7
Data Inputs
MR
Master Reset (Active LOW)
CP
Clock Pulse Input (Active Rising Edge)
Q0–Q7
Data Outputs


Similar Part No. - 74ABT273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AD PHILIPS-74ABT273AD Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273ADB PHILIPS-74ABT273ADB Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AN PHILIPS-74ABT273AN Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273APW PHILIPS-74ABT273APW Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
More results

Similar Description - 74ABT273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com