Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4184 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW4184
Description  High Voltage Very low current consumption Io=300mA Low Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4184 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJW4184 Datasheet HTML 2Page - New Japan Radio NJW4184 Datasheet HTML 3Page - New Japan Radio NJW4184 Datasheet HTML 4Page - New Japan Radio NJW4184 Datasheet HTML 5Page - New Japan Radio NJW4184 Datasheet HTML 6Page - New Japan Radio NJW4184 Datasheet HTML 7Page - New Japan Radio NJW4184 Datasheet HTML 8Page - New Japan Radio NJW4184 Datasheet HTML 9Page - New Japan Radio NJW4184 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NJW4184
- 6 -
Ver.2012-06-27
TYPICALAPPLICATION
A version
1
In the case where ON/OFF Control is not required
NJW4184-A
VIN
VOUT
CONTROL
GND
1.0µF
VOUT
VIN
R
4.7µF
*7
*7 : Vo < 3.0V version : Co=10
µF
Connect control terminal to VIN terminal
2
In use of ON/OFF CONTROL
NJW4184-A
VIN
VOUT
CONTROL
GND
1.0µF
VOUT
VIN
R
4.7µF
*8
*8 : Vo < 3.0V version : Co=10
µF
State of control terminal:
•“H”→ output is enabled.
•“L” or “open” → output is disabled.
B version
NJW4184-B
VIN
VOUT
GND
1.0
µF
4.7
µF
VOUT
VIN
*9 : Vo < 3.0V version : Co=10
µF
*9


Similar Part No. - NJW4184

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4180 NJRC-NJW4180 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4180F05 NJRC-NJW4180F05 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4180F25 NJRC-NJW4180F25 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4180F33 NJRC-NJW4180F33 Datasheet
88Kb / 8P
   High Voltage Low current consumption Regulator
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
More results

Similar Description - NJW4184

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
ACE5018T ACE-ACE5018T Datasheet
1Mb / 12P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Leshan Radio Company
LR6302 LRC-LR6302 Datasheet
755Kb / 11P
   18V Low Current Consumption 300mA CMOS Voltage Regulator
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com