Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT2244CMTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT2244CMTC
Description  Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT2244CMTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT2244CMTC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT2244CMTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS010991
www.fairchildsemi.com
May 1992
Revised March 2005
74ABT2244
Octal Buffer/Line Driver with
25
: Series Resistors in the Outputs
General Description
The ABT2244 is an octal buffer and line driver designed to
drive the capacitive inputs of MOS memory drivers,
address drivers, clock drivers, and bus-oriented transmit-
ters/receivers.
The 25
: series resistors in the outputs reduce ringing and
eliminate the need for external resistors.
Features
s Guaranteed latchup protection
s High impedance glitch-free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
Ordering Code:
Devices are also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Schematic of Each Output
Pin Descriptions
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Order Number
Package Number
Package Description
74ABT2244CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT2244CSJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT2244CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT2244CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ABT2244CPC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
OE1, OE2
Output Enable Input
(Active LOW)
I0–I7
Inputs
O0–O7
Outputs
OE1
I0–3
O0–3
OE2
I4–7
O4–7
HX
Z
H
X
Z
LH
H
L
H
H
L
LLL
LL


Similar Part No. - 74ABT2244CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT2244CMTC FAIRCHILD-74ABT2244CMTC Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
More results

Similar Description - 74ABT2244CMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
logo
National Semiconductor ...
54F2244DM NSC-54F2244DM Datasheet
147Kb / 8P
   Octal Buffer/Line Driver with 25X Series Resistors in Outputs
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com