Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT241 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ABT241
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ABT241 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics
(SOIC package)
Note 5: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested.
Note 6: Max number of data inputs (n) switching. n
 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD).
Guaranteed, but not tested.
Note 7: Max number of outputs defined as (n). n
 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested.
AC Electrical Characteristics
(SOIC and SSOP package)
Capacitance
Note 8: COUT is measured at frequency f 1 MHz, per MIL-STD-883, Method 3012.
Conditions
Symbol
Parameter
Min
Typ
Max
Units
VCC
CL 50 pF,
RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
5.0
TA 25qC (Note 5)
VOLV
Quiet Output Minimum Dynamic VOL
1.3
0.8
V
5.0
TA 25qC (Note 5)
VOHV
Minimum HIGH Level Dynamic Output Voltage
2.7
3.1
V
5.0
TA 25qC (Note 7)
VIHD
Minimum HIGH Level Dynamic Input Voltage
2.0
1.5
V
5.0
TA 25qC (Note 6)
VILD
Maximum LOW Level Dynamic Input Voltage
1.1
0.8
V
5.0
TA 25qC (Note 6)
TA 25qCTA 40qC to 85qC
VCC 5V
VCC 4.5V–5.5V
Symbol
Parameter
CL 50 pF
CL 50 pF
Units
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.0
4.6
1.0
4.6
ns
tPHL
Data to Outputs
1.0
4.6
1.0
4.6
tPZH
Output Enable
1.1
6.8
1.1
6.8
ns
tPZL
Time
1.3
6.8
1.3
6.8
tPHZ
Output Disable
1.6
6.8
1.6
6.8
ns
tPLZ
Time
1.0
5.9
1.0
5.9
Symbol
Parameter
Typ
Units
Conditions
TA 25qC
CIN
Input Capacitance
5.0
pF
VCC 0V
COUT (Note 8)
Output Capacitance
9.0
pF
VCC 5.0V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn