Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT240 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ABT240
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT240 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Loading
*Includes jig and probe capacitance
Standard AC Test Load
Test Input Signal Levels
Test Input Signal Requirements
AC Waveforms
Propagation Delay,
Pulse Width Waveforms
3-STATE Output HIGH
and LOW Enable and Disable Times
Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
Setup Time, Hold Time
and Recovery Time Waveforms
Amplitude
Rep. Rate
tW
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn