Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT240 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ABT240
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT240 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT240 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT240 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
Note 5: COUT is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
TA 25qCTA 55qC to 125qCTA 40qC to 85qC
VCC 5V
VCC 4.5V–5.5V
VCC 4.5V–5.5V
Symbol
Parameter
CL 50 pF
CL 50 pF
CL 50 pF
Units
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
4.8
0.8
5.5
1.0
4.8
ns
tPHL
Data to Outputs
1.6
4.8
1.0
5.5
1.6
4.8
tPZH
Output Enable
1.1
6.2
0.8
7.5
1.1
6.2
ns
tPZL
Time
1.1
6.2
0.8
7.7
1.1
6.2
tPHZ
Output Disable
1.8
6.4
1.0
7.5
1.8
6.4
ns
tPLZ
Time
1.6
5.8
1.0
7.2
1.6
5.8
Symbol
Parameter
Typ
Units
Conditions
TA 25qC
CIN
Input Capacitance
5.0
pF
VCC 0V
COUT (Note 5)
Output Capacitance
9.0
pF
VCC 5.0V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn