Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT2244 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ABT2244
Description  Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ABT2244 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
(SOIC and SSOP Package)
Capacitance
Note 5: COUT is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
VCC 5V
VCC 4.5V–5.5V
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation
1.0
2.2
3.9
1.0
3.9
ns
tPHL
Delay Data to Outputs
1.0
2.9
4.4
1.0
4.4
tPZH
Output Enable
1.5
3.7
6.0
1.5
6.0
ns
tPZL
Time
2.1
4.3
7.0
2.1
7.0
tPHZ
Output Disable
1.7
3.5
5.8
1.7
5.8
ns
tPLZ
Time
1.7
3.7
5.8
1.7
5.8
Symbol
Parameter
Typ
Units
Conditions
TA 25qC
CIN
Input Capacitance
5.0
pF
VCC 0V
COUT (Note 5)
Output Capacitance
9.0
pF
VCC 5.0V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn