Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16652 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT16652
Description  16-Bit Transceivers and Registers with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16652 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT16652 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: Guaranteed but not tested.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disable or Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate (
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA (Non I/O Pins)
VOH
Output HIGH
2.5
V
Min
IOH = −3 mA, (An, Bn)
Voltage
2.0
IOH = −32 mA, (An, Bn)
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA, (An, Bn)
VID
Input Leakage Test
V
0.0
IID = 1.9 µA, (Non-I/O Pins)
All Other Pins Grounded
IIH
Input HIGH Current
1
µA
Max
VIN = 2.7V (Non-I/O Pins) (Note 4)
1
VIN = VCC (Non-I/O Pins)
IBVI
Input HIGH Current
7
µA
Max
VIN = 7.0V (Non-I/O Pins)
Breakdown Test
IBVIT
Input HIGH Current
100
µA
Max
VIN = 5.5V (An, Bn)
Breakdown Test (I/O)
IIL
Input LOW Current
−1
µA
Max
VIN = 0.5V (Non-I/O Pins) (Note 4)
−1
VIN = 0.0V (Non-I/O Pins)
IIH + IOZH
Output Leakage Current
10
µA
0V–5.5V
VOUT = 2.7V (An, Bn);
OEABn = GND and OEBAn = 2.0V
IIL + IOZL
Output Leakage Current
−10
µA
0V–5.5V
VOUT = 0.5V (An, Bn);
OEABn = GND and OEBAn = 2.0V
IOS
Output Short-Circuit Current
−275
mA
Max
VOUT = 0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
µA
Max
VOUT = VCC (An, Bn)
IZZ
Bus Drainage Test
100
µA
0.0V
VOUT = 5.5V (An, Bn); All Others GND
ICCH
Power Supply Current
1.0
mA
Max
All Outputs HIGH
ICCL
Power Supply Current
60
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
1.0
mA
Max
Outputs 3-STATE;
All Others at VCC or GND
ICCT
Additional ICC/Input
2.5
mA
Max
VI = VCC − 2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
0.23
mA/MHz
Max
Outputs Open
(Note 4)
OEABn, OEBAn and SEL = GND
Non-I/O
= GND or V
CC
One bit toggling, 50% duty cycle


Similar Part No. - 74ABT16652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
   16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
More results

Similar Description - 74ABT16652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com