Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16543CSSC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ABT16543CSSC
Description  16-Bit Registered Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16543CSSC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT16543CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16543CSSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 3: Guaranteed but not tested.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disable or
Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate (
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA (Non I/O Pins)
VOH
Output HIGH Voltage
2.5
IOH = −3 mA, (An, Bn)
2.0
IOH = −32 mA, (An, Bn)
VOL
Output LOW Voltage
0.55
V
Min
IOL = 64 mA, (An, Bn)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA, (Non-I/O Pins)
All Other Pins Grounded
IIH
Input HIGH Current
1
µAMax
VIN = 2.7V (Non-I/O Pins) ((Note 3)
1VIN = VCC (Non-I/O Pins)
IBVI
Input HIGH Current Breakdown Test
7
µAMax
VIN = 7.0V (Non-I/O Pins)
IBVIT
Input HIGH Current
100
µAMax
VIN = 5.5V (An, Bn)
Breakdown Test (I/O)
IIL
Input LOW Current
−1
µAMax
VIN = 0.5V (Non-I/O Pins) (Note 3)
−1V
IN = 0.0V (Non-I/O Pins)
IIH + IOZH Output Leakage Current
10
µA
0V–5.5V VOUT = 2.7V (An, Bn);
OEAB or CEAB
= 2V
IIL + IOZL Output Leakage Current
−10
µA
0V–5.5V VOUT = 0.5V (An, Bn);
OEAB or CEAB
= 2V
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
µAMax
VOUT = VCC (An, Bn)
IZZ
Bus Drainage Test
100
µA0.0V
VOUT = 5.5V (An, Bn); All Others GND
ICCH
Power Supply Current
1.0
mA
Max
All Outputs HIGH
ICCL
Power Supply Current
60
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
1.0
mA
Max
Outputs 3-STATE
All Others at VCC or GND
ICCT
Additional ICC/Input
2.5
mA
Max
VI = VCC − 2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
Outputs Open, CEAB, OEAB, LEAB
= GND,
(Note 3)
0.25
mA/MHz
Max
CEBA
= V
CC, One Bit Toggling,
50% Duty Cycle


Similar Part No. - 74ABT16543CSSC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
logo
Texas Instruments
74ABT16543DGGRE4 TI-74ABT16543DGGRE4 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16543DGGRE4 TI-74ABT16543DGGRE4 Datasheet
399Kb / 15P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ABT16543DGGRG4 TI-74ABT16543DGGRG4 Datasheet
399Kb / 15P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABT16543CSSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com