Electronic Components Datasheet Search |
|
74ABT16501 Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
74ABT16501 Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 7 page www.fairchildsemi.com 4 DC Electrical Characteristics Note 7: Max number of outputs defined as (n). n − 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested. Note 8: Max number of outputs defined as (n). n − 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested. Note 9: Max number of data inputs (n) switching. n − 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (V ILD), 0V to threshold (VIHD). Guaranteed, but not tested. AC Electrical Characteristics AC Operating Requirements Symbol Parameter Min Typ Max Units VCC Conditions CL = 50 pF; RL = 500Ω VOLP Quiet Output Maximum Dynamic VOL 0.7 1.2 V 5.0 TA = 25°C (Note 7) VOLV Quiet Output Minimum Dynamic VOL −1.5 −1.0 V 5.0 TA = 25°C (Note 7) VOHV Minimum HIGH Level Dynamic Output Voltage 2.5 3.0 V 5.0 TA = 25°C (Note 8) VIHD Minimum HIGH Level Dynamic Input Voltage 2.2 1.8 V 5.0 TA = 25°C (Note 9) VILD Maximum LOW Level Dynamic Input Voltage 1.2 0.8 V 5.0 TA = 25°C (Note 9) Symbol Parameter TA = +25°CTA = −40°C to +85°C Units VCC = +5V VCC = 4.5V–5.5V CL = 50 pF CL = 50 pF Min Typ Max Min Max fmax Maximum Clock Frequency 150 200 150 MHz tPLH Propagation Delay 1.0 2.7 4.6 1.0 4.6 ns tPHL A or B to B or A 1.0 3.2 4.6 1.0 4.6 tPLH Propagation Delay 1.0 3.1 5.0 1.0 5.0 ns tPHL LEAB or LEBA to B or A 1.0 3.6 5.5 1.0 5.5 tPLH Propagation Delay 1.0 3.4 5.3 1.0 5.3 ns tPHL CLKAB or CLKBA to B or A 1.0 3.7 5.3 1.0 5.3 tPZH Propagation Delay 1.5 2.7 5.6 1.5 5.6 ns tPZL OEAB or OEBA to B or A 1.5 3.0 5.6 1.5 5.6 tPHZ Propagation Delay 1.5 3.7 6.0 1.5 6.0 ns tPLZ OEAB or OEBA to B or A 1.5 3.2 6.0 1.5 6.0 Symbol Parameter TA = +25°CTA = −40°C to +85°C Units VCC = +5V VCC = 4.5V–5.5V CL = 50 pF CL = 50 pF Min Max Min Max tS(H) Setup Time, 4.0 4.0 ns tS(L) A to CLKAB, B to CLKBA 4.0 4.0 tH(H) Hold Time, 0 0 ns tH(L) A to CLKAB, B to CLKBA 0 0 tS(H) Setup Time, A to LEAB 4.0 4.0 ns tS(L) or B to LEBA, CLK HIGH 4.0 4.0 tH(H) Hold Time, A to LEAB 1.5 1.5 ns tH(L) or B to LEBA, CLK HIGH 1.5 1.5 tS(H) Setup Time, A to LEAB 1.5 1.5 ns ts(L) or B to LEBA, CLK LOW 1.5 1.5 tH(H) Hold Time, A to LEAB 1.5 1.5 ns tH(L) or B to LEBA, CLK LOW 1.5 1.5 tW(H) Pulse Width, 3.3 3.3 ns tW(L) LEAB or LEBA, HIGH 3.3 3.3 tW(H) Pulse Width, CLKAB 3.3 3.3 ns tW(L) or CLKBA, HIGH or LOW 3.3 3.3 |
Similar Part No. - 74ABT16501 |
|
Similar Description - 74ABT16501 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |