Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1437426-5 Datasheet(PDF) 15 Page - Tyco Electronics

Part # 2-1437426-5
Description  Straight Plugs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437426-5 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 2-1437426-5 Datasheet HTML 11Page - Tyco Electronics 2-1437426-5 Datasheet HTML 12Page - Tyco Electronics 2-1437426-5 Datasheet HTML 13Page - Tyco Electronics 2-1437426-5 Datasheet HTML 14Page - Tyco Electronics 2-1437426-5 Datasheet HTML 15Page - Tyco Electronics 2-1437426-5 Datasheet HTML 16Page - Tyco Electronics 2-1437426-5 Datasheet HTML 17Page - Tyco Electronics 2-1437426-5 Datasheet HTML 18Page - Tyco Electronics 2-1437426-5 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
No. of Positions
Dim. A
Part Numbers
2
7.00 [.276]
1776275-2
3
10.50 [.413]
1776275-3
4
14.00 [.551]
1776275-4
5
17.50 [.689]
1776275-5
6
21.00 [.827]
1776275-6
7
24.50 [.965]
1776275-7
8
28.00 [1.102]
1776275-8
9
31.50 [1.240]
1776275-9
10
35.00 [1.378]
1-1776275-0
11
38.50 [1.516]
1-1776275-1
12
42.00 [1.654]
1-1776275-2
13
45.50 [1.791]
1-1776275-3
14
49.00 [1.929]
1-1776275-4
15
52.50 [2.067]
1-1776275-5
16
54.00 [2.126]
1-1776275-6
17
57.50 [2.264]
1-1776275-7
18
61.00 [2.402]
1-1776275-8
19
64.50 [2.539]
1-1776275-9
20
68.00 [2.677]
2-1776275-0
21
71.50 [2.815]
2-1776275-1
22
75.00 [2.953]
2-1776275-2
23
78.50 [3.091]
2-1776275-3
24
82.00 [3.228]
2-1776275-4
Wave solder process capable to 265°C [509°F] for 10 seconds
96
PCB Mount, Straight, Side Wire Entry Connectors
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Terminal Blocks
Note: All part numbers
are RoHS Compliant.
Terminal Block PCB Mount
Side Wire Entry
w/Interlock
3.5 mm Pitch (LT)
Color – Blue
UL Rating – 250 V, 7 A
18-26 AWG
0.50
.020
3.50
.138
1.75
.069
2.10
.083
7.00
.276
1.10
.043
3.40
.134
ø 0.90
.035
ø 2.00
.079
3.00
.118
A
Suggested Screw Torque—
2.5 in.-lbs.


Similar Part No. - 2-1437426-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437406-3 MACOM-2-1437406-3 Datasheet
159Kb / 1P
   TERMINAL BLOCK 45 DEGREE PSB (.375 SPACING)
More results

Similar Description - 2-1437426-5

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
901-9511-1SFC AMPHENOL-901-9511-1SFC Datasheet
57Kb / 1P
   Straight Cable Plugs
logo
Hosiden Corporation
TCP8500 HOSIDEN-TCP8500 Datasheet
82Kb / 1P
   Moulded Type Straight Plugs
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
CA761KS07984 SWITCH-CA761KS07984 Datasheet
244Kb / 2P
   CABLE ASSEMBLY - MOLDED STRAIGHT POWER PLUGS, RoHS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com