Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT162244 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ABT162244
Description  16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT162244 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ABT162244 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT162244 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Loading
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
FIGURE 2. Input Pulse Requirements
FIGURE 3. Test Input Signal Requirements
AC Waveforms
FIGURE 4. Propagation Delay Waveforms for Inverting
and Non-Inverting Functions
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
FIGURE 6. 3-STATE Output HIGH
and LOW Enable and Disable Times
FIGURE 7. Setup Time, Hold Time
and Recovery Time Waveforms
Amplitude
Rep. Rate
tW
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns


Similar Part No. - 74ABT162244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
   16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
Fairchild Semiconductor
74ABT162244CMTD FAIRCHILD-74ABT162244CMTD Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
More results

Similar Description - 74ABT162244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com