Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT126 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74ABT126
Description  Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT126 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT126 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011692
www.fairchildsemi.com
January 1995
Revised February 2005
74ABT126
Quad Buffer with 3-STATE Outputs
General Description
The ABT126 contains four independent non-inverting buff-
ers with 3-STATE outputs.
Features
s Non-inverting buffers
s Output sink capability of 64 mA, source capability of
32 m
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
s Disable time less than enable time to avoid bus
contention
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Connection Diagram
Pin Descriptions
Function Table
H
HIGH Voltage Level
L
LOW Voltage Level
Z
HIGH Impedance
X
Immaterial
Order Number
Package
Package Description
Number
74ABT126CSC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ABT126CSJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT126CMTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ABT126CMTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Descriptions
An, Bn
Inputs
On
Outputs
Inputs
Output
An
Bn
On
HL
L
HH
H
LX
Z


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74ABT125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VHC125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVC125A Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1  2  3  4  5  More NXP Semiconductors
74LVX125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX125 LOW VOLTAGE CMOS QUAD BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
74LVTH125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
DV74ACT125 Quad Buffer with 3-State Outputs 1  2  3  4  AVG Semiconductors(HITEK)
74LVQ125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74AC125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn