Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT126 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ABT126
Description  Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT126 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT126 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT126 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
Note 6: COUT is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
TA 25qCTA 40qC to 85qC
Symbol
Parameter
VCC 5V
VCC 4.5V–5.5V
Units
CL 50 pF
CL 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.0
4.4
1.0
4.4
ns
tPHL
Data to Outputs
1.0
4.6
1.0
4.6
tPZH
Output Enable
1.0
6.5
1.0
6.5
ns
tPZL
Time
1.0
6.5
1.0
6.5
tPHZ
Output Disable
1.0
5.8
1.0
5.8
ns
tPLZ
Time
1.0
5.5
1.0
5.5
Symbol
Parameter
Typ
Units
Conditions
TA 25qC
CIN
Input Capacitance
5.0
pF
VCC 0V
COUT (Note 6)
Output Capacitance
9.0
pF
VCC 5.0V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74ABT125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VHC125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVC125A Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1  2  3  4  5  More NXP Semiconductors
74LVX125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX125 LOW VOLTAGE CMOS QUAD BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
74LVTH125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
DV74ACT125 Quad Buffer with 3-State Outputs 1  2  3  4  AVG Semiconductors(HITEK)
74LVQ125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74AC125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn