Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ABT125 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74ABT125
Description  Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT125 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ABT125 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT125 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT125 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT125 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT125 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT125 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: Guaranteed, but not tested.
Note 5: For 8 bits toggling, ICCD  0.8 mA/MHz.
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to
Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
0.5V to 5.5V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
(Across Comm Operating Range)
300 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
2.5
V
Min
IOH 3 mA
2.0
V
Min
IOH 32 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL 64 mA
IIH
Input HIGH Current
1
PAMax
VIN 2.7V (Note 4)
1VIN VCC
IBVI
Input HIGH Current Breakdown Test
7
PAMax
VIN 7.0V
IIL
Input LOW Current
1
PAMax
VIN 0.5V (Note 4)
1VIN 0.0V
VID
Input Leakage Test
V
0.0
IID 1.9 PA, All Other Pin Grounded
IOZH
Output Leakage Current
10
PA05.5V VOUT 2.7V; OEn 2.0V
IOZL
Output Leakage Current
10
PA05.5V VOUT 0.5V; OEn 2.0V
IOS
Output Short-Circuit Current
275
mA
Max
VOUT 0.0V
ICEX
Output HIGH Leakage Current
50
PAMax
VOUT VCC
IZZ
Bus Drainage Test
100
PA0.0
VOUT 5.5V; All Others GND
ICCH
Power Supply Current
50
PA
Max
All Outputs HIGH
ICCL
Power Supply Current
15
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
PAMax
OEn VCC;
All Others at VCC or Ground
ICCT
Additional ICC /Input
Outputs Enabled
1.5
mA
Max
VI V CC  2.1V
Outputs 3-STATE
1.5
mA
Enable Input VI VCC  2.1V
Outputs 3-STATE
50
PA
Data Input V I VCC  2.1V
All Others at VCC or Ground
ICCD
Dynamic ICC
No Load
mA/
Max
Outputs Open
(Note 4)
0.1
MHz
OEn GND, (Note 5)
One Bit Toggling, 50% Duty Cycle


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74ABT126 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VHC125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LVC125A Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1  2  3  4  5  More NXP Semiconductors
74LVX125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX125 LOW VOLTAGE CMOS QUAD BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More STMicroelectronics
74LVTH125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
DV74ACT125 Quad Buffer with 3-State Outputs 1  2  3  4  AVG Semiconductors(HITEK)
74LVQ125 Low Voltage Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74AC125 Quad Buffer with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn