Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25PF020B-80-4C-Q3AE-T Datasheet(PDF) 7 Page - Microchip Technology

Part # SST25PF020B-80-4C-Q3AE-T
Description  2 Mbit 2.3-3.6V SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF020B-80-4C-Q3AE-T Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST25PF020B-80-4C-Q3AE-T Datasheet HTML 3Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 4Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 5Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 6Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 7Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 8Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 9Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 10Page - Microchip Technology SST25PF020B-80-4C-Q3AE-T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
 2012 Microchip Technology Inc.
DS25135A-page 7
SST25PF020B
4.4.5
BLOCK PROTECTION LOCK-DOWN
(BPL)
WP# pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents
any further alteration of the BPL, BP1, and BP0 bits of
the status register and BSP and TSP of Status Register
1. When the WP# pin is driven high (VIH), the BPL bit
has no effect and its value is “Don’t Care”. After power-
up, the BPL bit is reset to 0.
4.4.6
TOP-SECTOR PROTECTION/
BOTTOM-SECTOR PROTECTION
The Top-Sector Protection (TSP) and Bottom-Sector
Protection (BSP) bits independently indicate whether
the highest and lowest sector locations are Write
locked or Write accessible. When TSP or BSP is set to
‘1’, the respective sector is Write locked; when set to ‘0’
the respective sector is Write accessible. If TSP or BSP
is set to '1' and if the top or bottom sector is within the
boundary of the target address range of the program or
erase instruction, the initiated instruction (Byte-Pro-
gram, AAI-Word Program, Sector-Erase, Block-Erase,
and Chip-Erase) will not be executed. Upon power-up,
the TSP and BSP bits are automatically reset to ‘0’.


Similar Part No. - SST25PF020B-80-4C-Q3AE-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF020B-80-4C-Q3AE-T MICROCHIP-SST25PF020B-80-4C-Q3AE-T Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
More results

Similar Description - SST25PF020B-80-4C-Q3AE-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
   4 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
logo
Dialog Semiconductor
AT25DF021A DIALOG-AT25DF021A Datasheet
422Kb / 3P
   2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com