Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N135 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 6N135
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N135 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  6N135 Datasheet HTML 1Page - Fairchild Semiconductor 6N135 Datasheet HTML 2Page - Fairchild Semiconductor 6N135 Datasheet HTML 3Page - Fairchild Semiconductor 6N135 Datasheet HTML 4Page - Fairchild Semiconductor 6N135 Datasheet HTML 5Page - Fairchild Semiconductor 6N135 Datasheet HTML 6Page - Fairchild Semiconductor 6N135 Datasheet HTML 7Page - Fairchild Semiconductor 6N135 Datasheet HTML 8Page - Fairchild Semiconductor 6N135 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
July 2005
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Single-channel: 6N135, 6N136, HCPL-2503, HCPL-4502
Dual-Channel: HCPL-2530, HCPL-2531
High Speed Transistor Optocouplers
Features
■ High speed-1 MBit/s
■ Superior CMR-10 kV/µs
■ Dual-Channel HCPL-2530/HCPL-2531
■ Double working voltage-480V RMS
■ CTR guaranteed 0-70°C
■ U.L. recognized (File # E90700)
Applications
■ Line receivers
■ Pulse transformer replacement
■ Output interface to CMOS-LSTTL-TTL
■ Wide bandwidth analog coupling
Description
The HCPL-4502/HCPL-2503, 6N135/6 and HCPL-2530/HCPL-
2531 optocouplers consist of an AlGaAs LED optically coupled
to a high speed photodetector transistor.
A separate connection for the bias of the photodiode improves
the speed by several orders of magnitude over conventional
phototransistor optocouplers by reducing the base-collector
capacitance of the input transistor.
An internal noise shield provides superior common mode rejec-
tion of 10kV/µs. An improved package allows superior insulation
permitting a 480 V working voltage compared to industry stan-
dard of 220 V.
PackageSchematic
8
8
1
8
1
1
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL-2530/HCPL-2531
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
N/C
N/C
6N135, 6N136, HCPL-2503, HCPL-4502
Pin 7 is not connected in
Part Number HCPL-4502


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn