Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N135 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. 6N135
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N135 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 6N135 Datasheet HTML 2Page - Fairchild Semiconductor 6N135 Datasheet HTML 3Page - Fairchild Semiconductor 6N135 Datasheet HTML 4Page - Fairchild Semiconductor 6N135 Datasheet HTML 5Page - Fairchild Semiconductor 6N135 Datasheet HTML 6Page - Fairchild Semiconductor 6N135 Datasheet HTML 7Page - Fairchild Semiconductor 6N135 Datasheet HTML 8Page - Fairchild Semiconductor 6N135 Datasheet HTML 9Page - Fairchild Semiconductor 6N135 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes
1.
Derate linearly above 70°C free-air temperature at a rate of 0.8 mA/°C.
2.
Derate linearly above 70°C free-air temperature at a rate of 1.6 mA/°C.
3.
Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C.
4.
Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C.
5.
Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
6.
The 4.1 k
Ω load represents 1 LSTTL unit load of 0.36 mA and 6.1kΩ pull-up resistor.
7.
The 1.9 k
Ω load represents 1 TTL unit load of 1.6 mA and 5.6 kΩ pull-up resistor.
8.
Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the com-
mon mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0 V). Common mode transient
immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal,
VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V).
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
I
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Input-output
insulation leakage current
(Relative humidity = 45%)
(TA = 25°C, t = 5 s)
(VI-O = 3000 VDC)
(Note 9)
II-O
1.0
µA
Withstand insulation test voltage
(RH
≤ 50%, TA = 25°C)
(Note 9) ( t = 1 min.)
VISO
2500
VRMS
Resistance (input to output)
(Note 9) (VI-O = 500 VDC)
RI-O
1012
Capacitance (input to output)
(Note 9) (f = 1 MHz)
CI-O
0.6
pF
DC Current gain
(IO = 3 mA, VO = 5 V)
HFE
150
Input-Input
Insulation leakage current
(RH
≤ 45%, VI-I = 500 VDC) (Note 10)
t = 5 s, (HCPL-2530/2531 only)
II-I
0.005
µA
Input-Input Resistance
(VI-I = 500 VDC) (Note 10)
(HCPL-2530/2531 only)
RI-I
1011
Input-Input Capacitance
(f = 1 MHz) (Note 10)
(HCPL-2530/2531 only)
CI-I
0.03
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn