Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N135 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 6N135
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N135 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  6N135 Datasheet HTML 1Page - Fairchild Semiconductor 6N135 Datasheet HTML 2Page - Fairchild Semiconductor 6N135 Datasheet HTML 3Page - Fairchild Semiconductor 6N135 Datasheet HTML 4Page - Fairchild Semiconductor 6N135 Datasheet HTML 5Page - Fairchild Semiconductor 6N135 Datasheet HTML 6Page - Fairchild Semiconductor 6N135 Datasheet HTML 7Page - Fairchild Semiconductor 6N135 Datasheet HTML 8Page - Fairchild Semiconductor 6N135 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Transfer Characteristics (TA = 0 to 70°C Unless otherwise specified)
** All Typicals at TA = 25°C
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
COUPLED
(IF = 16 mA, VO = 0.4 V)
(VCC = 4.5 V, TA =25°C)
CTR
6N135
HCPL-2530
718
50
%
Current transfer ratio
(Note 5)
6N136
HCPL-4502
HCPL-2531
19
27
50
%
HCPL-2503
12
27
%
(IF = 16 mA, VCC = 4.5 V)
VOL=0.4V
6N135
5
21
%
VOL=0.5V
HCPL-2530
VOL=0.4V
6N136
HCPL-4502
15
30
%
VOL=0.5V
HCPL-2531
VOL=0.4V
HCPL-2503
9
30
%
Logic low output voltage
output voltage
(IF = 16 mA, IO = 1.1 mA)
(VCC = 4.5 V, TA =25°C)
VOL
6N135
0.18
0.4
V
HCPL-2530
0.18
0.5
(IF = 16 mA, IO = 3 mA)
(VCC = 4.5 V, TA =25°C)
6N136
HCPL-2503
0.25
0.4
HCPL-2531
0.25
0.5
(IF = 16 mA, IO = 0.8 mA)
(VCC = 4.5 V)
6N135
HCPL-2530
0.5
(IF = 16 mA, IO = 2.4 mA)
(VCC = 4.5 V)
HCPL-4502
HCPL-2531
0.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn