Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53182HP Datasheet(PDF) 2 Page - ebm-papst

Part # 53182HP
Description  DC axial fan
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

53182HP Datasheet(HTML) 2 Page - ebm-papst

  53182HP Datasheet HTML 1Page - ebm-papst 53182HP Datasheet HTML 2Page - ebm-papst 53182HP Datasheet HTML 3Page - ebm-papst 53182HP Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial fan
5318 /2HP
Technical features
General description
Particular design features:
Very rigid compression curve for high air flow at high counterpressure.
Low operating noise level at high counterpressure.
Standard with PWM control input and speed signal.
Other inputs and outputs on request.
General features:
Materials: Housing made of aluminium, impeller made of fibreglass-reinforced PA; housing with
grounding lug
for M4 x 8 screw (Torx).
Protected against reverse polarity and locking.
Electrical connection via single strands AWG 22, TR 64, bared and tin-plated.
Inlet over bars. Direction of rotation counter-clockwise seen on rotor.
Mass: 900 g.
Mass
0.9 kg
Dimensions
140 x 140 x 51 mm
Lifetime L10 at 40 °C
77500 h
Lifetime L10 at maximum
temperature
40000 h
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 53182HP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531820 FESTO-531820 Datasheet
88Kb / 1P
   Pressure regulator
3/17/22
531822 FESTO-531822 Datasheet
88Kb / 1P
   Pressure regulator
3/17/22
531824 FESTO-531824 Datasheet
92Kb / 1P
   Pressure regulator
3/17/22
531826 FESTO-531826 Datasheet
91Kb / 1P
   Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
   Pressure regulator
3/17/22
More results

Similar Description - 53182HP

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com