Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9956 Datasheet(PDF) 2 Page - ebm-papst

Part # 9956
Description  AC axial compact fan
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

9956 Datasheet(HTML) 2 Page - ebm-papst

  9956 Datasheet HTML 1Page - ebm-papst 9956 Datasheet HTML 2Page - ebm-papst 9956 Datasheet HTML 3Page - ebm-papst 9956 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC axial compact fan
9956
Technical features
General description
AC voltage fan with internal rotor shaded-pole motor. Protected from overload by
impedance protection.
Fan housing made of metal, impeller made of mineral-reinforced PA plastic.
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.
Electrical connection to 2 flat plugs 2.8 x 0.5 mm.
Fan housing with grounding lug for M4 tapping screw.
Mass 320 g.
Please note our new ACmaxx series. With identical fastening dimensions
and voltages, this series achieves higher energy efficiency.
Mass
0.325 kg
Dimensions
119 x 119 x 25 mm
Material of impeller
Mineral-reinforced PA plastic
Housing material
Metal
Direction of air flow
Air exhaust over bars
Direction of rotation
Left, looking at rotor
Bearing
Ball bearings
Lifetime L10 at 40 °C
47500 h
Lifetime L10 at maximum
temperature
22500 h
Connection line
2 flat plugs 2.8 x 0.5 mm
Motor protection
Protected from overload using impedance protection
Approval
VDE, CSA, UL, CE
Web data sheet XI · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 9956

ManufacturerPart #DatasheetDescription
logo
ebm-papst
9956 EBMPAPST-9956 Datasheet
318Kb / 1P
   TUBEAXIAL
9956 EBMPAPST-9956 Datasheet
129Kb / 1P
   AC axial fans
logo
List of Unclassifed Man...
9956B ETC-9956B Datasheet
242Kb / 2P
   52mm DIAMETER
logo
ebm-papst
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
   TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
129Kb / 1P
   AC axial fans
More results

Similar Description - 9956

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
   AC axial compact fan
5606S EBMPAPST-5606S Datasheet
287Kb / 4P
   AC axial compact fan
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
   AC axial compact fan
4606N EBMPAPST-4606N Datasheet
296Kb / 4P
   AC axial compact fan
5958 EBMPAPST-5958 Datasheet
293Kb / 4P
   AC axial compact fan
7806ES EBMPAPST-7806ES Datasheet
293Kb / 4P
   AC axial compact fan
8800TV EBMPAPST-8800TV Datasheet
220Kb / 3P
   AC axial compact fan
W4S200HK0401 EBMPAPST-W4S200HK0401 Datasheet
183Kb / 5P
   AC axial compact fan
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
   AC axial compact fan
4650N EBMPAPST-4650N Datasheet
296Kb / 4P
   AC axial compact fan
4580Z EBMPAPST-4580Z Datasheet
285Kb / 4P
   AC axial compact fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com