Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5551 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 2N5551
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5551 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2N5551 Datasheet HTML 1Page - Fairchild Semiconductor 2N5551 Datasheet HTML 2Page - Fairchild Semiconductor 2N5551 Datasheet HTML 3Page - Fairchild Semiconductor 2N5551 Datasheet HTML 4Page - Fairchild Semiconductor 2N5551 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.fairchildsemi.com
2N5551- MMBT5551 Rev. B
Typical Performance Characteristics (Continued)
Figure 7. Collector- Emitter Breakdown Voltage
with Resistance Between Emitter-Base
Figure 8. Small Signal Current Gain
vs Collector Current
Figure 9. Power Dissipation
vs Ambient Temperature
Between Emitter-Base
0.1
1
10
100
1000
160
180
200
220
240
260
RESISTANCE (k )
I
= 1.0 mA
C
vs Collector Current
110
50
0
4
8
12
16
I - COLLECTOR CURRENT (mA)
C
FREG = 20 MHz
V
= 10V
CE
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
TEMPERATURE ( C)
o
TO-92
SOT-23


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn