Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5484 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 2N5484
Description  N-Channel RF Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5484 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  2N5484 Datasheet HTML 1Page - Fairchild Semiconductor 2N5484 Datasheet HTML 2Page - Fairchild Semiconductor 2N5484 Datasheet HTML 3Page - Fairchild Semiconductor 2N5484 Datasheet HTML 4Page - Fairchild Semiconductor 2N5484 Datasheet HTML 5Page - Fairchild Semiconductor 2N5484 Datasheet HTML 6Page - Fairchild Semiconductor 2N5484 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Common Gate Characteristics
N-Channel RF Amplifier
(continued)
Input Admittance
100
200
300
500
700
1000
1
5
10
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CG)
g
igs
b
igs
Forward Transadmittance
100
200
300
500
700
1000
1
5
10
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CG)
-b fgs
+g
fgs
Reverse Transadmittance
100
200
300
500
700
1000
1
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CG)
g
rgs
- b
rgs
Output Admittance
100
200
300
500
700
1000
1
f -- FREQUENCY (MHz)
V
= 15V
V
= 0
GS
DS
(CG)
b
(x 10)
OgS
g
Ogs


Similar Part No. - 2N5484

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
New Jersey Semi-Conduct...
2N5484 NJSEMI-2N5484 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
Fairchild Semiconductor
2N5484 FAIRCHILD-2N5484 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Central Semiconductor C...
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
   SILICON N-CHANNEL JFET
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
More results

Similar Description - 2N5484

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com