Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E82802AC8 Datasheet(PDF) 26 Page - Intel Corporation

Part # E82802AC8
Description  Intel짰 82802AB/82802AC Firmware Hub (FWH)
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E82802AC8 Datasheet(HTML) 26 Page - Intel Corporation

Back Button E82802AC8 Datasheet HTML 22Page - Intel Corporation E82802AC8 Datasheet HTML 23Page - Intel Corporation E82802AC8 Datasheet HTML 24Page - Intel Corporation E82802AC8 Datasheet HTML 25Page - Intel Corporation E82802AC8 Datasheet HTML 26Page - Intel Corporation E82802AC8 Datasheet HTML 27Page - Intel Corporation E82802AC8 Datasheet HTML 28Page - Intel Corporation E82802AC8 Datasheet HTML 29Page - Intel Corporation E82802AC8 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
26
Datasheet
Write Lock
The default write status of all blocks upon power-up is write-locked. Any program or erase operations
attempted on a locked block will return an error in the status register (indicating block lock). The status
of the locked block can be changed to unlocked by clearing the write-lock bit, provided the lock-down
bit also is not set. The current write-lock status of a particular block can be determined by reading the
corresponding write-lock bit. The write-lock functions in conjunction with the hardware write-lock pins,
TBL# and WP#. When active, these pins take precedence over the register locking function and write-
lock the top block or remaining blocks, respectively. Reading this register will not read the state of the
TBL# or WP# pin.
Read Lock
The default read status of all blocks upon power-up is read-unlocked. When a block’s read-lock bit is set,
data cannot be read from that block. An attempted read from a read-locked block will result in the data
00h. (Note that failure is not reflected in the status register.) The read-lock status can be unlocked by
clearing the read-lock bit, provided the lock-down bit has not been set. The current read-lock status of a
particular block can be determined by reading the corresponding read-lock bit.
Lock-Down
In the Intel FWH interface mode, the default lock-down status of all blocks upon power-up is not-locked-
down. The lock-down bit for any block may be set, but only once, because future attempts to change that
block-locking register will be ignored. The lock-down bit is cleared only upon a device reset with RST#
or INIT#. The current lock-down status of a particular block can be determined by reading the
corresponding lock-down bit. Once a block’s lock-down bit is set, the read- and write-lock bits for that
block can no longer be modified, and the block is locked-down in its current state of read and write
accessibility.
4.9.2.
General-Purpose Input Register
This register reads the status of the FGPI [4:0] pins on the Intel FWH. Since this is a pass-through
register, there is no default value, only the state of the pins at power-up.
4.9.2.1.
GPI_REG — General-Purpose Input Register
Memory Address:
FFBC0100h
Default Value:
N/A
Access:
R0
Size:
8 bits
Bit
Function
7:5
Reserved
4
FGPI[4]. Reads status of general-purpose input pin (PLCC-30/TSOP-7).
3
FGPI[3]. Reads status of general-purpose input pin (PLCC-3/TSOP-15).
2
FGPI[2]. Reads status of general-purpose input pin (PLCC-4/TSOP-16).
1
FGPI[1]. Reads status of general-purpose input pin (PLCC-5/TSOP-17).
0
FGPI[0]. Reads status of general-purpose input pin (PLCC-6/TSOP-18).


Similar Part No. - E82802AC8

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E828B-2201P2-L PULSE-E828B-2201P2-L Datasheet
538Kb / 6P
   Pulse Connectors
More results

Similar Description - E82802AC8

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82802AB INTEL-82802AB Datasheet
471Kb / 53P
   Firmware Hub (FWH)
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
SST49LF008A SST-SST49LF008A_06 Datasheet
543Kb / 42P
   8 Mbit Firmware Hub
logo
Intel Corporation
82US15W INTEL-82US15W Datasheet
284Kb / 22P
   Intel짰 System Controller Hub
logo
ATMEL Corporation
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
Intel Corporation
E7320 INTEL-E7320 Datasheet
170Kb / 22P
   Intel짰 E7320 Memory Controller Hub (MCH)
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Intel Corporation
QGE7520MC-SL8EE INTEL-QGE7520MC-SL8EE Datasheet
2Mb / 282P
   Intel짰 E7520 Memory Controller Hub (MCH)
JG82852GMSL7VP INTEL-JG82852GMSL7VP Datasheet
1Mb / 176P
   Intel짰 852GM/852GMV Chipset Intel짰 852GM/852GMV Chipset Hub (GMCH)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com