Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100DF410 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS100DF410
Description  DS100DF410 Low Power 10GbE Quad Channel Retimer
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS100DF410 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS100DF410 Datasheet HTML 3Page - Texas Instruments DS100DF410 Datasheet HTML 4Page - Texas Instruments DS100DF410 Datasheet HTML 5Page - Texas Instruments DS100DF410 Datasheet HTML 6Page - Texas Instruments DS100DF410 Datasheet HTML 7Page - Texas Instruments DS100DF410 Datasheet HTML 8Page - Texas Instruments DS100DF410 Datasheet HTML 9Page - Texas Instruments DS100DF410 Datasheet HTML 10Page - Texas Instruments DS100DF410 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DS100DF410
www.ti.com
SNLS399A – JANUARY 2012 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges with default register settings unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER INPUTS (RXPn, RXNn)
VTX2, min
Minimum Source Transmit Launch
See (5)
600
mVP-P
Signal Level (IN, diff)
VTX2, max
Maximum Source Transmit Launch
See (5)
1000
mVP-P
Signal Level (IN, diff)
VTX1, max
Maximum Source Transmit Launch
See (6)
1200
mVP-P
Signal Level (IN, diff)
VTX0, max
Maximum Source Transmit Launch
See (7)
1600
mVP-P
Signal Level (IN, diff)
LRI
Maximum Differential Input Return
100 MHz – 6 GHz(8)
-15
dB
Loss - |SDD11|
ZD
Differential Input Impedance
100 MHz – 6 GHz
100
ZS
Single-ended Input Impedance
100 MHz – 6 GHz
50
DRIVER OUTPUTS (TXPn, TXNn)
VOD0
Differential output voltage
Differential measurement with
OUT+ and OUT- terminated by
50
Ω to GND, AC-Coupled,
SMBus register VOD control
400
675
mVP-P
(Register 0x2d bits 2:0) set to 0,
minimum VOD
De-emphasis control set to
minimum (0 dB)
VOD7
Differential output voltage
Differential measurement with
OUT+ and OUT- terminated by
50
Ω to GND, AC-Coupled
SMBus register VOD control
1000
mVP-P
(Register 0x2d bits 2:0) set to 7,
maximum VOD
De-emphasis control set to
minimum (0 dB)
VOD_DE
De-emphasis level (9)
Differential measurement with
OUT+ and OUT- terminated by
50
Ω to GND, AC-Coupled
Set by SMBus register control to
-12
dB
maximum de-emphasis setting
Relative to the nominal 0 dB de-
emphasis level set at the minimum
de-emphasis setting
tR, tF
Transition time (rise and fall
Transition time control = Full Slew
39
ps
times)(9) (10)
Rate
Transition time control = Limited
50
ps
Slew Rate
LRO
Maximum Differential Output
100 MHz – 6 GHz (8)
-15
dB
Return Loss - |SDD22|
tDP
Propagation Delay
Retimed data(11)
300
ps
TDE
De-emphasis pulse duration(12)
Measured at VOD = 1000 mVP-P,
75
ps
de-emphasis setting = -12 dB
(5)
Differential signal amplitude at the transmitter output providing < 1x10-12 bit error rate. Measured at 10.3125 Gbps with a PRBS-31 data
pattern. Input transmission channel is 40-inch long FR-4 stripline, 4-mil trace width.
(6)
Differential signal amplitude at the transmitter output providing < 1x10-12 bit error rate. Measured at 10.3125 Gbps with a PRBS-31 data
pattern. Input transmission channel is 30-inch long FR-4 stripline, 4-mil trace width.
(7)
Differential signal amplitude at the transmitter output providing < 1x10-12 bit error rate. Measured at 10.3125 Gbps with a PRBS-31 data
pattern. No input transmission channel.
(8)
Measured with 10 MHz clock pattern output.
(9)
Measured with clock-like {11111 00000} pattern.
(10) Slew rate is controlled by SMBus register settings.
(11) Typical at 10.3125 Gbps bit rate.
(12) De-emphasis pulse width varies with VOD and de-emphasis settings.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS100DF410


Similar Part No. - DS100DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100DF410 TI1-DS100DF410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410 TI1-DS100DF410 Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410SQ TI1-DS100DF410SQ Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410SQ/NOPB TI1-DS100DF410SQ/NOPB Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410SQE/NOPB TI1-DS100DF410SQE/NOPB Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
More results

Similar Description - DS100DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100DF410 TI1-DS100DF410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410 TI1-DS100DF410_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100RT410 TI1-DS100RT410_15 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power 10-GbE Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com