Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5400 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 2N5400
Description  PNP General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5400 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5400 Datasheet HTML 1Page - Fairchild Semiconductor 2N5400 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discrete POWER & Signal
Technologies
PNP General Purpose Amplifier
2N5400
This device is designed for use as general purpose amplifiers
and switches requiring high voltages. Sourced from Process
74. See 2N5401 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
120
V
VCBO
Collector-Base Voltage
130
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
2N5400
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
C
B
E
TO-92
© 1997 Fairchild Semiconductor Corporation


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MMBT4403 PNP General Purpose Amplifier 1  2  3  Micro Commercial Components
FMBM5401 PNP General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
FMBS5401 PNP General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2N5366 PNP General Purpose Amplifier 1  2  3  4  Fairchild Semiconductor
BCW68G PNP General Purpose Amplifier 1  2  3  4  Fairchild Semiconductor
PN4250 PNP General Purpose Amplifier 1  2  Fairchild Semiconductor
MSB1218ART1 PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1  2  3  4  5  More Motorola, Inc
NTE296 Silicon PNP Transistor General Purpose Amplifier 1  2  NTE Electronics
HN2A01FU PNP EPITAXIAL TYPE AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS 1  2  Toshiba Semiconductor
NZT6727 PNP General Purpose Amplifier 1  2  3  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn