Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5366 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 2N5366
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5366 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  2N5366 Datasheet HTML 1Page - Fairchild Semiconductor 2N5366 Datasheet HTML 2Page - Fairchild Semiconductor 2N5366 Datasheet HTML 3Page - Fairchild Semiconductor 2N5366 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, July 2002
TO-92
1
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Thermal Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Collector current
- Continuous
500
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCBO
Collector-Base Breakdown Voltage
IC = 10
µA40
V
VCEO
Collector-Emitter Breakdown Voltage
IC = 10mA
40
V
VEBO
Emitter-Base Breakdown Voltage
IC = 10
µA4.0
V
ICBO
Collector Cut-off Current
VCB = 40V
100
nA
ICES
Collector Cut-off Current
VCB = 40V
100
nA
IEBO
Emitter Cut-off Current
VEB = 4.0V
10
µA
hFE
DC Current Gain
VCE = 10V, IC = 2.0mA
VCE = 1.0V, IC = 50mA
VCE = 5.0V, IC = 300mA
80
100
40
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 50mA, IB = 2.5mA
IC = 300mA, IB = 30mA
0.25
1.0
V
VBE(sat)
Collector-Emitter Saturation Voltage
IC = 50mA, IB = 2.5mA
IC = 300mA, IB = 30mA
1.1
2.0
VBE(on)
Base-Emitter On Voltage
VCE = 10V, IC = 2.0mA
0.5
0.8
V
Cob
Output Capacitance
VCB = 10V, f = 1MHz
8.0
pF
Cib
Input Capacitance
VCB = 0.5V, f = 1MHz
35
pF
hfe
Small-Signal Current Gain
VCE = 10V, IC = 2.0mA, f = 1MHz
80
450
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
2N5366
PNP General Purpose Amplifier
• This device is designed for general purpose amplifiers applications at
collector currents to 300mA.
• Sourced from process 68.
1. Emitter 2. Collector 3. Base


Similar Part No. - 2N5366

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5366 CENTRAL-2N5366 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
GE Solid State
2N5366 GESS-2N5366 Datasheet
218Kb / 5P
   SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5366 NJSEMI-2N5366 Datasheet
158Kb / 1P
   SPRINGFIELD, NEW JERSEY 07091
2N5366 NJSEMI-2N5366 Datasheet
124Kb / 1P
   SILICON TRANSISTOR
2N5366 NJSEMI-2N5366 Datasheet
112Kb / 2P
   SILICON TRANSISTORS
More results

Similar Description - 2N5366

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com