Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRMC1-D12-S5-S Datasheet(PDF) 4 Page - CUI INC

Part # PRMC1-D12-S5-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMC1-D12-S5-S Datasheet(HTML) 4 Page - CUI INC

  PRMC1-D12-S5-S Datasheet HTML 1Page - CUI INC PRMC1-D12-S5-S Datasheet HTML 2Page - CUI INC PRMC1-D12-S5-S Datasheet HTML 3Page - CUI INC PRMC1-D12-S5-S Datasheet HTML 4Page - CUI INC PRMC1-D12-S5-S Datasheet HTML 5Page - CUI INC PRMC1-D12-S5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRMC1-S │ DESCRIPTION: DC-DC CONVERTER
date 03/20/2013
│ page 4 of 6
Recommended external circuit components
Vin (Vdc)
5
12
24
48
FUSE
choose according to practical input current
MOV
TBD
--
10D560
10D101
LDM1
TBD
--
56μH
56μH
TVS
TBD
SMCJ28A
SMCJ48A
SMCJ90A
C0
TBD
680μF/25V
120μF/50V
120μF/100V
C1
TBD
4.7μF/50V
4.7μF/50V
4.7μF/100V
LDM2
TBD
12μH
12μH
12μH
C2
TBD
4.7μF/50V
4.7μF/50V
4.7μF/100V
CY
TBD
1nF
1nF
1nF
D1
TBD
RB160M-60/1A RB160M-60/1A RB160M-60/1A
R
Follows:aaaaa
aaaaaaaaaaaa
Cd
47nF/50V
47nF/50V
47nF/50V
47nF/50V
EMC RECOMMENDED CIRCUIT
DERATING CURVES
100
80
60
40
20
Ambient Temperature (°C)
-40-20
0204060
85
105 120
Safe operating area
CY
RL
LDM2
C0
TVS
LDM1
MOV
FUSE
C1
+
Vin
GND
+Vo
0V
EUT
C2
CTRL
Cd
D1
R
CT
Vin
GND
LOAD
(a)
(b)
(c)
10 Sec. Max.
Wave Soldering Time
4 Sec. Max.
Peak Temp. 260°C Max.
Time (sec.)
250
200
150
100
50
0
Wave Soldering Profile
Temperature Derating Curve
300
0
.
1 −
=
C
D
C
I
V
V
R
Figure 1
TEST CONFIGURATION
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7µH)
Cin(220µF, ESR< 1.0Ω at 100KHz)
Note: Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
External components
Lin
4.7μH
Cin
220μF, ESR < 1.0Ω
at 100 KHz


Similar Part No. - PRMC1-D12-S5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRMC1-D12-S5-S CUI-PRMC1-D12-S5-S Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/07/2021
More results

Similar Description - PRMC1-D12-S5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com