Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD3C5H2D Datasheet(PDF) 3 Page - Dialight Corporation

Part # LSD3C5H2D
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C5H2D Datasheet(HTML) 3 Page - Dialight Corporation

  LSD3C5H2D Datasheet HTML 1Page - Dialight Corporation LSD3C5H2D Datasheet HTML 2Page - Dialight Corporation LSD3C5H2D Datasheet HTML 3Page - Dialight Corporation LSD3C5H2D Datasheet HTML 4Page - Dialight Corporation LSD3C5H2D Datasheet HTML 5Page - Dialight Corporation LSD3C5H2D Datasheet HTML 6Page - Dialight Corporation LSD3C5H2D Datasheet HTML 7Page - Dialight Corporation LSD3C5H2D Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.dialight.com
SafeSite
® LED Linear Fixture
Class I, Div. 2 Version
Mechanical Information
Fixture Weight:
17 lbs (7.71 kg) 4’
12 lbs (5.44 kg) 2’
Shipping Weight:
19 lbs (8.62 kg) 4’
14 lbs (6.35 kg) 2’
Mounting:
(3) 3/4” NPT openings
Optional swivel bracket - LSXW4
Cabling:
10’ (3.5m) SOOW Power cord
(for Gx and Cx Models)
Electrical Specifications
Operating Voltage:
100 - 277V AC 50/60Hz or
347 - 480V AC 50/60Hz
Power Consumption:
See ordering information
Operating Temp:
-40°F to +133°F (-40°C to +55°C)
Harmonics:
EC 61000-3-2
Surge Protection
100 - 277V AC 50/60Hz:
1 kV line to line
2 kV line to ground
347 - 480V AC 50/60Hz:
6 kV line to line
6 kV line to ground
THD:
< 15%
Power Factor:
> 0.9
Power supply equipped with inline fuse
Construction
Body:
Powder coated aluminum
Lens:
Polycarbonate
Photometric Information
CRI:
70
CCT:
6,000K (cool white)
IES Files:
Available upon request
All values typical unless otherwise stated
All lumen values are typical (tolerance +/- 10%)
Certifications & Ratings
Class I Div. 2 Groups A, B, C, D
Class II Div. 1 Groups E, F, G
Class II Div. 2 Groups F, G
Class III Div. 1
Class III Div. 2
UL 1598/A
UL 844
UL 8750
CSA 22.2 No.137-M81
IP 66 rated
NEMA 4X rated
LSD Models
ABS Design Assessed: # 12-HS942957-PDA
Application
The first of its kind, Dialight’s SafeSite
® LED linear fixture replaces HID and
fluorescent lighting fixtures in industrial applications and hazardous location
applications.
The SafeSite LED Linear fixture’s rugged solid state design makes it highly
resistant to shock and vibration. Its fully gasketed IP 66 rated enclosure
makes it suitable for dust & wet locations, its 1598A rating guarantees added
protection from salt water spray. The SafeSite LED Linear’s superior design
allows for mounting versatility and ease of installation for many lighting
applications.
3.10
(78.8)
6.40
(162.5)
47.93
(1217.5)
23.93
(607.9)
Temperature Ratings
Ambient Temperature Range
T5 Temperature Code
-40°F to +149°F (-40°C to +65°C)
Mounting Options
Conduit Top Mount
Conduit Side Mount
LSXW4


Similar Part No. - LSD3C5H2D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3C5-62-XX-RP4-PF LIGITEK-LSD3C5-62-XX-RP4-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-62V-XX-PF LIGITEK-LSD3C5-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-64-R1-XX-PF LIGITEK-LSD3C5-64-R1-XX-PF Datasheet
156Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-64-XX-KP38-PF LIGITEK-LSD3C5-64-XX-KP38-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD3C5-65-R1-XX-KP4 LIGITEK-LSD3C5-65-R1-XX-KP4 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
More results

Similar Description - LSD3C5H2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
   SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
D164-B13-001 DIALIGHT-D164-B13-001 Datasheet
427Kb / 8P
   SafeSit짰 LED Signaling for Hazardous Locations
HBC9C3M DIALIGHT-HBC9C3M Datasheet
369Kb / 4P
   SafeSite Series LED High Bay Fixture
logo
Multi-Tech Systems, Inc...
86002235 MULTITECH-86002235 Datasheet
362Kb / 3P
   Industrial Cellular Router for Hazardous Locations
2021-08
logo
List of Unclassifed Man...
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701956-5WL461 ETC2-701956-5WL461 Datasheet
218Kb / 1P
   Low-profile outdoor and indoor linear lighting
logo
Dialight Corporation
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com