Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5088 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 2N5088
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5088 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  2N5088 Datasheet HTML 1Page - Fairchild Semiconductor 2N5088 Datasheet HTML 2Page - Fairchild Semiconductor 2N5088 Datasheet HTML 3Page - Fairchild Semiconductor 2N5088 Datasheet HTML 4Page - Fairchild Semiconductor 2N5088 Datasheet HTML 5Page - Fairchild Semiconductor 2N5088 Datasheet HTML 6Page - Fairchild Semiconductor 2N5088 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Characteristics (continued)
Contours of Constant
Narrow Band Noise Figure
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (
A)
µ
C
V
= 5.0 V
f = 1.0 kHz
BANDWIDTH
= 200 Hz
CE
6.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
Contours of Constant
Narrow Band Noise Figure
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (
A)
µ
C
V
= 5.0 V
f = 100 Hz
BANDWIDTH
= 20 Hz
CE
3.0 dB
4.0 dB
8.0 dB
10 dB
12 dB
14 dB
6.0 dB
Contours of Constant
Narrow Band Noise Figure
1
10
100
1000
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
6.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
1.0 dB
C
V
= 5.0V
f = 10kHz
BANDWIDTH
= 2.0kHz
CE
µ
Contours of Constant
Narrow Band Noise Figure
0.01
0.1
1
10
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
7.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
5.0
dB
C
V
=
5.0V
CE
µ
f = 1.0 MHz
BANDWIDTH
= 200kHz
6.0
dB
NPN General Purpose Amplifier
(continued)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn