Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5088 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 2N5088
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5088 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2N5088 Datasheet HTML 1Page - Fairchild Semiconductor 2N5088 Datasheet HTML 2Page - Fairchild Semiconductor 2N5088 Datasheet HTML 3Page - Fairchild Semiconductor 2N5088 Datasheet HTML 4Page - Fairchild Semiconductor 2N5088 Datasheet HTML 5Page - Fairchild Semiconductor 2N5088 Datasheet HTML 6Page - Fairchild Semiconductor 2N5088 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
Typical Characteristics (continued)
NPN General Purpose Amplifier
(continued)
Input and Output Capacitance
vs Reverse Bias Voltage
04
8
12
16
20
0
1
2
3
4
5
REVERSE BIAS VOLTAGE (V)
f = 1.0 MHz
C ob
C te
Wideband Noise Frequency
vs Source Resistance
1,000
2,000
5,000
10,000
20,000
50,000
100,000
0
1
2
3
4
5
R
- SOURCE RESISTANCE ( )
V
= 5.0 V
BANDWIDTH = 15.7 kHz
CE
I
= 10
µA
C
I
= 100
µA
C
S
I
= 30
µA
C
Contours of Constant Gain
Bandwidth Product (f )
0.1
1
10
100
1
2
3
5
7
10
I - COLLECTOR CURRENT (mA)
C
175 MHz
T
150 MHz
125 MHz
75 MHz
100 MHz
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
125
250
375
500
625
TEMPERATURE ( C)
o
TO-92
SOT-23
Noise Figure vs Frequency
0.0001
0.001
0.01
0.1
1
10
100
0
2
4
6
8
10
f - FREQUENCY (MHz)
V
= 5.0V
CE
I
= 200
µA,
R
= 10 k
C
S
I
= 1.0 mA,
R
= 500
C
S
I
= 100
µA,
R
= 10 k
C
S
I = 1.0 mA,
R = 5.0 k
C
S
Normalized Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
1
10
100
1000
T - AMBIE NT TEMP ERATURE ( C)
A
°


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn