Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5087 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 2N5087
Description  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5087 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  2N5087 Datasheet HTML 1Page - Fairchild Semiconductor 2N5087 Datasheet HTML 2Page - Fairchild Semiconductor 2N5087 Datasheet HTML 3Page - Fairchild Semiconductor 2N5087 Datasheet HTML 4Page - Fairchild Semiconductor 2N5087 Datasheet HTML 5Page - Fairchild Semiconductor 2N5087 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B1, September 2003
Typical Common Emitter Characteristics (f = 1.0KHz)
Typical Common Emitter Characteristics
Typical Common Emitter Characteristics
Typical Common Emitter Characteristics
-25
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
V
- COLLECTOR-EM ITTE R VOLTAGE (V)
CE
T = -25 C
A
I = 1.0 mA
C
hoe
h
and h
fe
ie
f = 1.0 kHz
°
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
100
I - COLLECTOR CURRE NT (mA)
C
T = -25 C
A
V
= -5.0V
CE
h ie
f = 1.0 kHz
°
h fe
hoe
-60
-40
-20
0
20
40
60
80
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T - AMBIE NT TEMP ERATURE ( C)
A
V
= -5.0V
CE
hoe
f = 1.0 kHz
h fe
h ie
°
I = 1.0 mA
C
h
and h
fe
oe
h ie


Similar Part No. - 2N5087

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5087 MOTOROLA-2N5087 Datasheet
300Kb / 8P
   CASE 29.04, STYLE 1 TO-92 (TO-226AA)
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
logo
Micro Electronics
2N5087 MICRO-ELECTRONICS-2N5087 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
2N5087 FAIRCHILD-2N5087 Datasheet
100Kb / 9P
   PNP General Purpose Amplifier
More results

Similar Description - 2N5087

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com