Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5338RBRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5338RBRUZ
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338RBRUZ Datasheet(HTML) 4 Page - Analog Devices

  AD5338RBRUZ Datasheet HTML 1Page - Analog Devices AD5338RBRUZ Datasheet HTML 2Page - Analog Devices AD5338RBRUZ Datasheet HTML 3Page - Analog Devices AD5338RBRUZ Datasheet HTML 4Page - Analog Devices AD5338RBRUZ Datasheet HTML 5Page - Analog Devices AD5338RBRUZ Datasheet HTML 6Page - Analog Devices AD5338RBRUZ Datasheet HTML 7Page - Analog Devices AD5338RBRUZ Datasheet HTML 8Page - Analog Devices AD5338RBRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5338R
Data Sheet
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (SDA)2
Output Low Voltage, VOL
0.4
V
ISINK = 3 mA
Floating State Output Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
V
ILOGIC
3
µA
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode9
0.59
0.7
mA
Internal reference off
1.1
1.3
mA
Internal reference on, at full scale
All Power-Down Modes10
1
4
µA
−40°C to +85°C
6
µA
−40°C to +105°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1 or when VREF/2 = VDD with
gain = 2. Linearity calculated using a reduced code range of 4 to 1020.
2
Guaranteed by design and characterization; not production tested.
3
Channel A can have an output current of up to 30 mA. Similarly, Channel B can have an output current of up to 30 mA up to a junction temperature of 100°C.
4
VDD = 5 V. The device includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature can be exceeded during
current limit. Operation above the specified maximum operation junction temperature may impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output device.
For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 26).
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Internal Reference Setup section.
7
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +105°C.
8
Reference temperature coefficient is calculated as per the box method. See the Terminology section for further information.
9
Interface inactive. Both DACs active. DAC outputs unloaded.
10
Both DACs powered down.


Similar Part No. - AD5338RBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5338RBRUZ AD-AD5338RBRUZ Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
AD5338RBRUZ-RL7 AD-AD5338RBRUZ-RL7 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
More results

Similar Description - AD5338RBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com